Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AVCA406GQCR Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części SN74AVCA406GQCR
Szczegółowy opis  MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCA406GQCR Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74AVCA406GQCR Datasheet HTML 3Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 4Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 5Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 6Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 7Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 8Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 9Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 10Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
www.ti.com
SN74AVCA406
MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card
±15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SCES615H – OCTOBER 2004 – REVISED JANUARY 2007
Table 3. SD Card or MMC (continued)
SIGNAL NAME
PIN
PIN
PIN
OR
PIN FUNCTION
NO.
NAME
TYPE
(CONNECTION)
A3
4DIR
(tie-high)
Direction control for 4A/4B. Not used in this mode. Tie to VCCA.
Input
B3
1A
DAT0.h
Data bit 1 connected to host. Referenced to VCCA.
I/O
C3
Depopulated ball
D3
56DIR
(tie-high)
Direction control for 5A/5B and 6A/6B. Not used in this mode. Tie to VCCA.
Input
E3
GND
GND
Ground
F3
12A
DNU
Output pin not used in this mode. Do not use. Leave unconnected.
Output
G3
11A
(tie-low)
Input pin not used in this mode. Tie to GND.
Input
A4
2DIR
(tie-high)
Direction control for 2A/2B connected to host. Not used in this mode. Tie to VCCA.
Input
B4
1DIR
DAT0-dir.h
Direction control for 1A/1B connected to host
Input
C4
3DIR
(tie-high)
Direction control for 3A/3B connected to host. Not used in this mode. Tie to VCCA.
Input
D4
GND
GND
Ground
Card select from host. Active low. When CS0 = high, 1A, 2A, 3A, 4A, 1B, 2B, 3B, 4B, and
E4
CS0
CS0.h
Input
9B1 are placed in Hi Z.
F4
13A
(tie-low)
Input pin not used in this mode. Tie to GND.
Input
G4
CS1
(tie-high)
Card select. Not used in this mode. Tie to VCCA for proper operation.
Input
A5
MODE1
(tie-low)
Input
MODE1, MODE0 determine mode of operation (see Table 1). Tie to GND in this mode.
B5
MODE0
(tie-low)
Input
C5
GND
GND
Ground
D5
4B
DNU
I/O pin not used in this mode. Leave unconnected.
I/O
E5
GND
GND
Ground
F5
7B
DNU
I/O pin not used in this mode. Leave unconnected.
I/O
G5
8B
DNU
I/O pin not used in this mode. Leave unconnected.
I/O
A6
10B1
CLK
Clock signal connected to card
Output
B6
9B1
CMD
Command signal connected to card
Output
C6
2B
DNU
I/O pin not used in this mode. Leave unconnected.
I/O
D6
11B
DNU
Output pin not used in this mode. Do not use. Leave unconnected.
Output
E6
10B2
DNU
Output pin not used in this mode. Do not use. Leave unconnected.
Output
F6
5B
DNU
I/O pin not used in this mode. Leave unconnected.
I/O
G6
6B
DNU
I/O pin not used in this mode. Leave unconnected.
I/O
A7
VCCB0
VCCB0
B-port supply voltage. VCCB0 powers 1B, 2B, 3B, 4B, 9B1, and 10B1.
Power
B7
1B
DAT0
Data bit 1 connected to card. Referenced to VCCB0.
I/O
C7
3B
DNU
I/O pin not used in this mode. Leave unconnected.
I/O
D7
12B
(tie-low)
Input pin not used in this mode. Tie to GND.
Input
E7
9B2
DNU
I/O pin not used in this mode. Leave unconnected.
I/O
F7
14B
DNU
Open-drain output not used in this mode. Leave unconnected.
Output
B-port supply voltage. VCCB1 powers 5B, 6B, 7B, 8B, 9B2, 10B2, 11B, 12B, and 14B. Not
G7
VCCB1
(tie-low)
Power
used in this mode. Tie to GND.
7
Submit Documentation Feedback


Podobny numer części - SN74AVCA406GQCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVCA406GQCR TI-SN74AVCA406GQCR Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406GQCR TI-SN74AVCA406GQCR Datasheet
2Mb / 43P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406GQCR TI1-SN74AVCA406GQCR Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results

Podobny opis - SN74AVCA406GQCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406_07 Datasheet
2Mb / 43P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com