Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AVCA406EZQSR Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części SN74AVCA406EZQSR
Szczegółowy opis  MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCA406EZQSR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SN74AVCA406EZQSR Datasheet HTML 6Page - Texas Instruments SN74AVCA406EZQSR Datasheet HTML 7Page - Texas Instruments SN74AVCA406EZQSR Datasheet HTML 8Page - Texas Instruments SN74AVCA406EZQSR Datasheet HTML 9Page - Texas Instruments SN74AVCA406EZQSR Datasheet HTML 10Page - Texas Instruments SN74AVCA406EZQSR Datasheet HTML 11Page - Texas Instruments SN74AVCA406EZQSR Datasheet HTML 12Page - Texas Instruments SN74AVCA406EZQSR Datasheet HTML 13Page - Texas Instruments SN74AVCA406EZQSR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
OUTPUT SLEW RATES
TYPICAL SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
SN74AVCA406E
SCES659E – OCTOBER 2007 – REVISED JUNE 2009..................................................................................................................................................... www.ti.com
over recommended operating free-air temperature range (unless otherwise noted)
(1)
VCCA = 1.8 V ± 0.15 V,
VCCB = 3 V ± 0.3 V
PARAMETER
FROM
TO
UNIT
MIN
MAX
tr
20%
80%
2.7(2)
ns
tf
80%
20%
2.5(2)
ns
(1)
Values are characterized, but not production tested.
(2)
Using CL = 30 pF on the B side and CL = 7 pF on the A side
TA = 25°C, VCCA = 1.2 V (see Figure 6)
VCCB =
VCCB =
VCCB =
VCCB =
VCCB =
FROM
TO
1.2 V
1.5 V
1.8 V
2.5 V
3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
A
B
4.9
4
3.5
3.2
3.2
B
A
5.3
4.3
4.1
3.9
3.9
CLKB
5.1
4
3.5
3.1
3.1
tpd
CLKA
ns
CLK-f
10.3
8.9
7.7
7.7
7.7
CMDA
CMDB
4.9
4
3.5
3.2
3.2
CMDB
CMDA
4.8
4.4
4.2
4
4
ten
(1)
DIR
A
5.3
5.4
5.2
6
5.9
ns
tdis
(1)
DIR
A
5.5
5.4
5.5
5.6
5.5
ns
(1)
DIR refers to CMD-dir, DAT0-dir, and DAT123-dir.
VCCA = 1.5 V ± 0.1 V
over recommended operating free-air temperature range (see Figure 6)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.2
7.2
0.8
6.3
0.8
5.4
0.9
5.1
0.9
5.1
B
A
1.1
6.2
1
7.2
0.93
6.6
0.45
7
0.45
7
CLKB
1.4
7.1
1.1
6.2
0.8
5.3
0.7
5.1
0.7
5.1
tpd
CLKA
ns
CLK-f
1.1
12.7
1.3
13.3
1.3
10.6
1.9
10.9
1.9
10.9
CMDA
CMDB
1.1
6
0.9
5.6
0.7
4.7
0.6
4.1
0.6
4.1
CMDB
CMDA
0.8
5.9
0.8
6.8
0.8
6.4
0.1
6.7
0.1
6.7
ten
(1)
DIR
A
1.0
9.1
1.1
10.3
1.1
8.7
1.1
11
1.1
11
ns
tdis
(1)
DIR
A
1.1
8.1
1.1
8.3
1.1
8.3
1.1
8.3
1.1
8.3
ns
(1)
DIR refers to CMD-dir, DAT0-dir, and DAT123-dir.
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AVCA406E


Podobny numer części - SN74AVCA406EZQSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVCA406EZQSR TI-SN74AVCA406EZQSR Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406EZQSR TI-SN74AVCA406EZQSR Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results

Podobny opis - SN74AVCA406EZQSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206A TI1-TXS0206A Datasheet
1,013Kb / 23P
[Old version datasheet]   SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com