Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4403 Arkusz danych(PDF) 3 Page - Micro Commercial Components

Numer części 2N4403
Szczegółowy opis  PNP General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N4403 Arkusz danych(HTML) 3 Page - Micro Commercial Components

  2N4403_08 Datasheet HTML 1Page - Micro Commercial Components 2N4403_08 Datasheet HTML 2Page - Micro Commercial Components 2N4403_08 Datasheet HTML 3Page - Micro Commercial Components 2N4403_08 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N4403
Maximum Power Dissipation vs
Ambient Temperature
PD(MAX) - (mW)
TA - (
°C)
TO-92
SOT-23
0
200
400
600
800
0
50
100
150
200
Contours of Constant Gain
Bandwidth Product (fT)
VCE - (V)
IC - (mA)
0
-.4
-.8
-1.0
-4
-8
-10
-0.1
-1.0
-10
-100
Turn On and Turn Off Times vs
Collector Current
IC - (mA)
T - (ns)
1.0
10
100
1000
10
100
1000
IB1 = IB2 = IC/10
VCC(OFF) = 15V
toff
ton
*25MHz increments from 50
to 200MHz
Switching Times vs
Collector Current
T - (ns)
IC - (mA)
1.0
10
100
1000
10
100
1000
IB1 = IB2 = IC/10
ts
tf
tr
td
MCC
Revision: 6
2008/02/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Podobny numer części - 2N4403_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2N4403 UTC-2N4403_07 Datasheet
174Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
More results

Podobny opis - 2N4403_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com