Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4401-BP Arkusz danych(PDF) 3 Page - Micro Commercial Components

Numer części 2N4401-BP
Szczegółowy opis  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N4401-BP Arkusz danych(HTML) 3 Page - Micro Commercial Components

  2N4401-BP Datasheet HTML 1Page - Micro Commercial Components 2N4401-BP Datasheet HTML 2Page - Micro Commercial Components 2N4401-BP Datasheet HTML 3Page - Micro Commercial Components 2N4401-BP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N4401
Maximum Power Dissipation vs
Ambient Temperature
PD(MAX) - (mW)
TA - (
°C)
TO-92
SOT-23
0
200
400
600
800
0
50
100
150
200
Output Capacitance vs
Reverse Bias Voltage
Volts - (V)
pF
0
2
4
6
8
10
0.1
1.0
10
Ccb
f = 1MHz
MCC
Revision: 5
2009/04/21
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Podobny numer części - 2N4401-BP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2N4401-T92-B UTC-2N4401-T92-B Datasheet
117Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
2N4401-T92-B UTC-2N4401-T92-B Datasheet
212Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
2N4401-T92-K UTC-2N4401-T92-K Datasheet
117Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
2N4401-T92-K UTC-2N4401-T92-K Datasheet
212Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Podobny opis - 2N4401-BP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com