Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5400IPZPR Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5400IPZPR
Szczegółowy opis  12-Bit, 1-GSPS Analog-to-Digital Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZPR Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS5400IPZPR Datasheet HTML 1Page - Texas Instruments ADS5400IPZPR Datasheet HTML 2Page - Texas Instruments ADS5400IPZPR Datasheet HTML 3Page - Texas Instruments ADS5400IPZPR Datasheet HTML 4Page - Texas Instruments ADS5400IPZPR Datasheet HTML 5Page - Texas Instruments ADS5400IPZPR Datasheet HTML 6Page - Texas Instruments ADS5400IPZPR Datasheet HTML 7Page - Texas Instruments ADS5400IPZPR Datasheet HTML 8Page - Texas Instruments ADS5400IPZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
ADS5400
www.ti.com
SLAS611B – OCT 2009 – REVISED MARCH 2010
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLIES
Analog supply voltage, AVDD5
4.75
5
5.25
V
Analog supply voltage, AVDD3
3.135
3.3
3.465
V
Digital supply voltage, DVDD3
3.135
3.3
3.465
V
ANALOG INPUT
Full-scale differential input range
1.52
2
Vpp
VCM
Input common mode
AVDD5/2
V
DIGITAL OUTPUT
Differential output load
5
pF
CLOCK INPUT
CLK input sample rate (sine wave)
100
1000
MSPS
Clock amplitude, differential
0.6
1.5
Vpp
Clock duty cycle
45%
50%
55%
TA
Open free-air temperature
–40
85
°C
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input,
and 1.5 VPP differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS/NOTES
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale differential input range
Programmable
1.52
2
VPP
VCM
Common-mode input
Self-biased to AVDD5 / 2
AVDD5/2
V
RIN
Input resistance, differential (dc)
85
100
115
Estimated to ground from each AIN pin,
CIN
Input capacitance
0.8
pF
excluding soldered package
CMRR
Common-mode rejection ratio
Common mode signal = 125 MHz
40
dB
INTERNAL REFERENCE VOLTAGE
VREF
Reference voltage
2
V
DYNAMIC ACCURACY
Resolution
No missing codes
12
Bits
DNL
Differential linearity error
fIN = 125 MHz
-1
±0.7
2
LSB
INL
Integral non- linearity error
fIN = 125 MHz
-4
±2
4.5
LSB
Offset error
default is trimmed near 0mV
–2.5
0
2.5
mV
Offset temperature coefficient
0.02
mV/°C
Gain error
–5
5
%FS
Gain temperature coefficient
0.03
%FS/°C
Copyright © 2009–2010, Texas Instruments Incorporated
3
Product Folder Link(s): ADS5400


Podobny numer części - ADS5400IPZPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5400IPZPR TI-ADS5400IPZPR Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400IPZPR TI-ADS5400IPZPR Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400IPZPR TI1-ADS5400IPZPR Datasheet
2Mb / 55P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results

Podobny opis - ADS5400IPZPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP_15 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_1 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
5962-0924001VXC TI1-5962-0924001VXC Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9217 AD-AD9217 Datasheet
71Kb / 2P
   12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
AD9213 AD-AD9213 Datasheet
2Mb / 110P
   12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. A
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com