Zakładka z wyszukiwarką danych komponentów |
|
BC547C Arkusz danych(PDF) 3 Page - Micro Commercial Components |
|
BC547C Arkusz danych(HTML) 3 Page - Micro Commercial Components |
3 / 5 page MCC BC546 thru BC548C Figure 1. Normalized DC Current Gain IC, COLLECTOR CURRENT (mAdc) 2.0 Figure 2. “Saturation” and “On” Voltages IC, COLLECTOR CURRENT (mAdc) 0.2 0.5 1.0 10 20 50 0.2 100 Figure 3. Collector Saturation Region IB, BASE CURRENT (mA) Figure 4. Base–Emitter Temperature Coefficient IC, COLLECTOR CURRENT (mA) 2.0 5.0 200 0.6 0.7 0.8 0.9 1.0 0.5 0 0.2 0.4 0.1 0.3 1.6 1.2 2.0 2.8 2.4 1.2 1.6 2.0 0.02 1.0 10 0 20 0.1 0.4 0.8 1.5 1.0 0.8 0.6 0.4 0.3 0.2 0.5 1.0 10 20 50 2.0 100 70 30 7.0 5.0 3.0 0.7 0.3 0.1 0.2 1.0 10 100 TA = 25°C VBE(sat) @ IC/IB = 10 VCE(sat) @ IC/IB = 10 VBE(on) @ VCE = 10 V VCE = 10 V TA = 25°C -55°C to +125°C TA = 25°C IC = 50 mA IC = 100 mA IC = 200 mA IC = 20 mA IC = 10 mA 1.0 BC547/BC548 Figure 5. Capacitances VR, REVERSE VOLTAGE (VOLTS) 10 Figure 6. Current–Gain – Bandwidth Product IC, COLLECTOR CURRENT (mAdc) 0.4 0.6 1.0 10 20 1.0 2.0 6.0 40 80 100 200 300 400 60 20 40 30 7.0 5.0 3.0 2.0 0.7 1.0 10 20 2.0 50 30 7.0 5.0 3.0 0.5 VCE = 10 V TA = 25°C 0.8 4.0 8.0 TA = 25°C Cob Cib Revision: 7 2008/11/05 TM Micro Commercial Components www.mccsemi.com 3 of 5 |
Podobny numer części - BC547C |
|
Podobny opis - BC547C |