Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N5240-AP Arkusz danych(PDF) 4 Page - Micro Commercial Components

Numer części 1N5240-AP
Szczegółowy opis  500 mW Zener Diode 2.4 to 75 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5240-AP Arkusz danych(HTML) 4 Page - Micro Commercial Components

  1N5240-AP Datasheet HTML 1Page - Micro Commercial Components 1N5240-AP Datasheet HTML 2Page - Micro Commercial Components 1N5240-AP Datasheet HTML 3Page - Micro Commercial Components 1N5240-AP Datasheet HTML 4Page - Micro Commercial Components 1N5240-AP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
30
IZ , ZENER CURRENT - mA
VZ , ZENER VOLTAGE - V
Figure 3
Zener Voltage versus Zener Current – Vz =30 thru 75 Volts
45
55
60
65
50
70
75
0.01
1
10
mA
VOLTS
20
0.1
80
85
35
40
90
95
100
105
TA=25
=1
0.05
Figure4
Thermal resistance from junction to ambient as a function of pulse duration
10
4
Rth j-a(K/W)
tp(ms)
10
5
10
3
10
2
10
1
10
2
10
-1
1
10
10
3
0.33
0.10
0.50
0.75
0.20
0.02
0.01
0.001
MCC
Revision: 7
2009/01/19
1N5221 thru 1N5267
Micro Commercial Components
www.mccsemi.com
4 of 5
TM


Podobny numer części - 1N5240-AP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Surge Components
1N5240 SURGE-1N5240 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Daya Electric Group Co....
1N5240 DAYA-1N5240 Datasheet
112Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5240 HORNBY-1N5240 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5240 SEME-LAB-1N5240 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Jinan Jingheng (Group) ...
1N5240 JINANJINGHENG-1N5240 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Podobny opis - 1N5240-AP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
   500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5227B-TP MCC-DL5227B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
LS5221 MCC-LS5221 Datasheet
178Kb / 3P
   500 mW Zener Diode 2.4 to 75 Volts
MMSZ5221B MCC-MMSZ5221B_17 Datasheet
407Kb / 6P
   500 mW Zener Diodes 2.4 to 75 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
   410 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com