Zakładka z wyszukiwarką danych komponentów |
|
SN74CB3Q3257RGYR Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
SN74CB3Q3257RGYR Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 17 page www.ti.com DESCRIPTION/ORDERING INFORMATION (CONTINUED) SN74CB3Q3257 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH SCDS135A – SEPTEMBER 2003 – REVISED MARCH 2005 The SN74CB3Q3257 is a high-bandwidth FET bus switch utilizing a charge pump to elevate the gate voltage of the pass transistor, providing a low and flat ON-state resistance (ron). The low and flat ON-state resistance allows for minimal propagation delay and supports rail-to-rail switching on the data input/output (I/O) ports. The device also features low data I/O capacitance to minimize capacitive loading and signal distortion on the data bus. Specifically designed to support high-bandwidth applications, the SN74CB3Q3257 provides an optimized interface solution ideally suited for broadband communications, networking, and data-intensive computing systems. The SN74CB3Q3257 is a 4-bit 1-of-2 high-speed FET multiplexer/demultiplexer with a single output-enable (OE) input. The select (S) input controls the data path of the multiplexer/demultiplexer. When OE is low, the multiplexer/demultiplexer is enabled and the A port is connected to the B port, allowing bidirectional data flow between ports. When OE is high, the multiplexer/demultiplexer is disabled and a high-impedance state exists between the A and B ports. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry prevents damaging current backflow through the device when it is powered down. The device has isolation during power off. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. FUNCTION TABLE INPUTS INPUT/OUTPUT FUNCTION A OE S L L B1 A port = B1 port L H B2 A port = B2 port H X Z Disconnect 2 |
Podobny numer części - SN74CB3Q3257RGYR |
|
Podobny opis - SN74CB3Q3257RGYR |