Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB1045CT Arkusz danych(PDF) 1 Page - Gulf Semiconductor

Numer części SB1045CT
Szczegółowy opis  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GULFSEMI [Gulf Semiconductor]
Strona internetowa  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB1045CT Arkusz danych(HTML) 1 Page - Gulf Semiconductor

  SB1045CT Datasheet HTML 1Page - Gulf Semiconductor SB1045CT Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A4
www.gulfsemi.com
SB1045CT
SCHOTTKY BARRIER
RECTIFIER
VOLTAGE: 45V
CURRENT: 10.0A
FEATURE
TO-220AB
High current capability, Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: Common Cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SB1045CT
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
45
V
Maximum RMS Voltage
Vrms
31.5
V
Maximum DC blocking Voltage
Vdc
45
V
Maximum Average Forward Rectified Current
at Tc=135°C
If(av)
10
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load per leg
Ifsm
150
A
Maximum Forward Voltage per leg and 25
°C
at 5A
Vf
0.53
V
Maximum Reverse Current per leg
Tj =25℃
at working peak reverse voltage
Tj =100℃
Ir
0.1
6.0
mA
Typical Thermal Resistance per leg
(Note 1)
Rth(jc)
3.0
℃/W
Operating Junction and Storage Temperature Ramge
Tj, Tstg
-65 to +150
Note:
1.Thermal Resistance from Junction to Case


Podobny numer części - SB1045CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
SB1045CT WTE-SB1045CT Datasheet
50Kb / 4P
   10A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1045CT PANJIT-SB1045CT Datasheet
427Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SB1045CT PANJIT-SB1045CT Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SB1045CT FORMOSA-SB1045CT Datasheet
107Kb / 6P
   Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
SB1045CT LUGUANG-SB1045CT Datasheet
686Kb / 2P
   10A High Power Schottky Barrier Rectifiers
More results

Podobny opis - SB1045CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PACELEADER INDUSTRIAL
MBR1045PS PACELEADER-MBR1045PS Datasheet
431Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS - 45V
MBR1045ULPS PACELEADER-MBR1045ULPS Datasheet
401Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 45V
logo
Gulf Semiconductor
SB1060CT GULFSEMI-SB1060CT Datasheet
91Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
SB1060FCT GULFSEMI-SB1060FCT Datasheet
94Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
SB10200CT GULFSEMI-SB10200CT Datasheet
113Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
logo
PACELEADER INDUSTRIAL
MBR1045LPS PACELEADER-MBR1045LPS Datasheet
452Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 45V
logo
Gulf Semiconductor
SB10200FCT GULFSEMI-SB10200FCT Datasheet
118Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
SB1040CT GULFSEMI-SB1040CT Datasheet
107Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 10.0A
SB10150FCT GULFSEMI-SB10150FCT Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
SB10150CT GULFSEMI-SB10150CT Datasheet
109Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com