Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVC1G32 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części SN74LVC1G32
Szczegółowy opis  SINGLE 2-INPUT POSITIVE-OR GATE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G32 Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74LVC1G32_10 Datasheet HTML 1Page - Texas Instruments SN74LVC1G32_10 Datasheet HTML 2Page - Texas Instruments SN74LVC1G32_10 Datasheet HTML 3Page - Texas Instruments SN74LVC1G32_10 Datasheet HTML 4Page - Texas Instruments SN74LVC1G32_10 Datasheet HTML 5Page - Texas Instruments SN74LVC1G32_10 Datasheet HTML 6Page - Texas Instruments SN74LVC1G32_10 Datasheet HTML 7Page - Texas Instruments SN74LVC1G32_10 Datasheet HTML 8Page - Texas Instruments SN74LVC1G32_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
SN74LVC1G32
SINGLE 2-INPUT POSITIVE-OR GATE
SCES219O – APRIL 1999 – REVISED FEBRUARY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous ouput current
±50
mA
Continuous current through VCC or GND
±100
mA
DBV package
206
DCK package
252
θ
JA
Package thermal impedance(4)
DRL package
142
°C/W
DRY package
234
YZP package
132
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
3
Submit Documentation Feedback


Podobny numer części - SN74LVC1G32_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G32 TI1-SN74LVC1G32_15 Datasheet
1Mb / 39P
[Old version datasheet]   Single 2-Input Positive-OR Gate
SN74LVC1G32 TI1-SN74LVC1G32_18 Datasheet
2Mb / 49P
[Old version datasheet]   Single 2-Input Positive-OR Gate
More results

Podobny opis - SN74LVC1G32_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com