Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVC1G32DCKRE4 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74LVC1G32DCKRE4
Szczegółowy opis  SINGLE 2-INPUT POSITIVE-OR GATE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G32DCKRE4 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74LVC1G32DCKRE4 Datasheet HTML 1Page - Texas Instruments SN74LVC1G32DCKRE4 Datasheet HTML 2Page - Texas Instruments SN74LVC1G32DCKRE4 Datasheet HTML 3Page - Texas Instruments SN74LVC1G32DCKRE4 Datasheet HTML 4Page - Texas Instruments SN74LVC1G32DCKRE4 Datasheet HTML 5Page - Texas Instruments SN74LVC1G32DCKRE4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G32DCKRE4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G32DCKRE4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G32DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
Seemechanicaldrawingsfordimensions.
NC – Nointernalconnection
DBVPACKAGE
(TOP VIEW)
2
5
3
4
Y
1
B
GND
A
V
CC
DCKPACKAGE
(TOP VIEW)
3
4
2
Y
1
GND
B
A
5
V
CC
DRL PACKAGE
(TOP VIEW)
2
B
1
A
3
4
GND
Y
5
V
CC
YZP PACKAGE
(BOTTOMVIEW)
2
B
1
A
GND
4
3
Y
5
V
CC
DRY PACKAGE
(TOP VIEW)
B
NC
A
6
5
4
2
3
GND
Y
V
CC
1
DESCRIPTION/ORDERING INFORMATION
The SN74LVC1G32 performs the Boolean function Y = A + B or Y =
A
B
in positive logic.
SN74LVC1G32
SINGLE 2-INPUT POSITIVE-OR GATE
SCES219O – APRIL 1999 – REVISED FEBRUARY 2007
• Available in the Texas Instruments
• I
off Supports Partial-Power-Down Mode
NanoStar™ and NanoFree™ Packages
Operation
• Supports 5-V V
CC Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Inputs Accept Voltages to 5.5 V
• ESD Protection Exceeds JESD 22
• Max t
pd of 3.6 ns at 3.3 V
2000-V Human-Body Model (A114-A)
• Low Power Consumption, 10-µA Max I
CC
200-V Machine Model (A115-A)
• ± 24-mA Output Drive at 3.3 V
1000-V Charged-Device Model (C101)
This single 2-input positive-OR gate is designed for 1.65-V to 5.5-V VCC operation.
NanoStar™ and NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74LVC1G32DCKRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G32DCKRE4 TI-SN74LVC1G32DCKRE4 Datasheet
444Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32DCKRE4 TI-SN74LVC1G32DCKRE4 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32DCKRE4 TI-SN74LVC1G32DCKRE4 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32DCKRE4 TI1-SN74LVC1G32DCKRE4 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32DCKRE4 TI1-SN74LVC1G32DCKRE4 Datasheet
1Mb / 39P
[Old version datasheet]   Single 2-Input Positive-OR Gate
More results

Podobny opis - SN74LVC1G32DCKRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com