Zakładka z wyszukiwarką danych komponentów |
|
SN74LVC1G34DBVRG4 Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
SN74LVC1G34DBVRG4 Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 19 page PARAMETER MEASUREMENT INFORMATION VM th tsu From Output Under Test CL (see Note A) LOAD CIRCUIT S1 VLOAD Open GND RL RL Data Input Timing Input VI 0 V VI 0 V 0 V tw Input VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS VOLTAGE WAVEFORMS PULSE DURATION tPLH tPHL tPHL tPLH VOH VOH VOL VOL VI 0 V Input Output Waveform 1 S1 at VLOAD (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ VLOAD/2 0 V VOL + V∆ VOH − V∆ ≈0 V VI VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES LOW- AND HIGH-LEVEL ENABLING Output Output tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open VLOAD GND TEST S1 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω. D. The outputs are measured one at a time, with one transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. tPZL and tPZH are the same as ten. G. tPLH and tPHL are the same as tpd. H. All parameters and waveforms are not applicable to all devices. Output Control VM VM VM VM VM VM VM VM VM VM VM VM VI VM VM 1.8 V ± 0.15 V 2.5 V ± 0.2 V 3.3 V ± 0.3 V 5 V ± 0.5 V 1 k Ω 500 Ω 500 Ω 500 Ω VCC RL 2 × VCC 2 × VCC 6 V 2 × VCC VLOAD CL 30 pF 30 pF 50 pF 50 pF 0.15 V 0.15 V 0.3 V 0.3 V V∆ VCC VCC 3 V VCC VI VCC/2 VCC/2 1.5 V VCC/2 VM tr/tf ≤2 ns ≤2 ns ≤2.5 ns ≤2.5 ns INPUTS SN74LVC1G34 www.ti.com................................................................................................................................................... SCES519H – DECEMBER 2003 – REVISED JULY 2008 Figure 2. Load Circuit and Voltage Waveforms Copyright © 2003–2008, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): SN74LVC1G34 |
Podobny numer części - SN74LVC1G34DBVRG4 |
|
Podobny opis - SN74LVC1G34DBVRG4 |