Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL061CDE4 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TL061CDE4
Szczegółowy opis  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL061CDE4 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TL061CDE4 Datasheet HTML 6Page - Texas Instruments TL061CDE4 Datasheet HTML 7Page - Texas Instruments TL061CDE4 Datasheet HTML 8Page - Texas Instruments TL061CDE4 Datasheet HTML 9Page - Texas Instruments TL061CDE4 Datasheet HTML 10Page - Texas Instruments TL061CDE4 Datasheet HTML 11Page - Texas Instruments TL061CDE4 Datasheet HTML 12Page - Texas Instruments TL061CDE4 Datasheet HTML 13Page - Texas Instruments TL061CDE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
TL061, TL061A, TL061B, TL062, TL062A
TL062B, TL064, TL064A, TL064B
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Maximum peak output voltage vs Supply voltage
4
Maximum peak output voltage vs Free-air temperature
5
Maximum peak output voltage vs Load resistance
6
Maximum peak output voltage vs Frequency
7
Differential voltage amplification vs Free-air temperature
8
Large-signal differential voltage amplification vs Frequency
9
Phase shift vs Frequency
9
Supply current vs Supply voltage
10
Supply current vs Free-air temperature
11
Total power dissipation vs Free-air temperature
12
Common-mode rejection ratio vs Free-air temperature
13
Normalized unity-gain bandwidth vs Free-air temperature
14
Normalized slew rate vs Free-air temperature
14
Normalized phase shift vs Free-air temperature
14
Input bias current vs Free-air temperature
15
Voltage-follower large-signal pulse response vs Time
16
Output voltage vs Elapsed time
17
Equivalent input noise voltage vs Frequency
18


Podobny numer części - TL061CDE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL061CDE4 TI-TL061CDE4 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061CDE4 TI-TL061CDE4 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Podobny opis - TL061CDE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI1-TL061 Datasheet
2Mb / 52P
[Old version datasheet]   Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com