Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2028D1 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TPA2028D1
Szczegółowy opis  3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2028D1 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPA2028D1_10 Datasheet HTML 6Page - Texas Instruments TPA2028D1_10 Datasheet HTML 7Page - Texas Instruments TPA2028D1_10 Datasheet HTML 8Page - Texas Instruments TPA2028D1_10 Datasheet HTML 9Page - Texas Instruments TPA2028D1_10 Datasheet HTML 10Page - Texas Instruments TPA2028D1_10 Datasheet HTML 11Page - Texas Instruments TPA2028D1_10 Datasheet HTML 12Page - Texas Instruments TPA2028D1_10 Datasheet HTML 13Page - Texas Instruments TPA2028D1_10 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
PO − Output Power − W
0.01
0.1
1
3
100
1
0.1
0.01
G012
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
10
VDD = 3.6 V
VDD = 5 V
PO − Output Power − W
0.01
0.1
1
5
100
1
0.1
0.01
G013
Gain = 6 dB
RL = 4 Ω + 33 µH
f = 1 kHz
10
VDD = 3.6 V
VDD = 5 V
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
G015
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G018
Gain = 6 dB
RL = 4 Ω + 33 µH
f = 1 kHz
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
PO − Output Power − W
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.0
0.5
1.0
1.5
2.0
G016
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
PO − Output Power − W
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G019
Gain = 6 dB
RL = 4 Ω + 33 µH
f = 1 kHz
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
TPA2028D1
SLOS660 – JANUARY 2010
www.ti.com
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 15.
Figure 16.
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 17.
Figure 18.
POWER DISSIPATION
POWER DISSIPATION
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 19.
Figure 20.
10
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPA2028D1


Podobny numer części - TPA2028D1_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
More results

Podobny opis - TPA2028D1_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com