Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2028D1 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TPA2028D1
Szczegółowy opis  3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2028D1 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPA2028D1_10 Datasheet HTML 1Page - Texas Instruments TPA2028D1_10 Datasheet HTML 2Page - Texas Instruments TPA2028D1_10 Datasheet HTML 3Page - Texas Instruments TPA2028D1_10 Datasheet HTML 4Page - Texas Instruments TPA2028D1_10 Datasheet HTML 5Page - Texas Instruments TPA2028D1_10 Datasheet HTML 6Page - Texas Instruments TPA2028D1_10 Datasheet HTML 7Page - Texas Instruments TPA2028D1_10 Datasheet HTML 8Page - Texas Instruments TPA2028D1_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
TPA2028D1
www.ti.com
SLOS660 – JANUARY 2010
TERMINAL FUNCTIONS
TERMINAL
I/O/P
DESCRIPTION
NAME
WCSP
EN
B2
I
Enable terminal (active high)
IN+
B3
I
Positive audio input
IN–
C3
I
Negative audio input
OUT+
B1
O
Positive differential output
OUT–
C1
O
Negative differential output
PGND
A1
P
Power ground
PVDD
C2
P
Power supply
SCL
A2
I
I2C clock interface
SDA
A3
I/O
I2C data interface
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted).
VALUE / UNIT
VDD
Supply voltage
PVDD
–0.3 V to 6.0 V
EN, IN+, IN–
–0.3 V to VDD+0.3 V
Input voltage
SDA, SCL
–0.3 V to 6.0 V
See Dissipation Ratings
Continuous total power dissipation
Table
TA
Operating free-air temperature range
–40°C to +85°C
TJ
Operating junction temperature range
–40°C to +150°C
Tstg
Storage temperature range
–65°C to +150°C
ESD
Electro-Static Discharge Tolerance, all pins
Human Body Model (HBM)
2 kV
Charged Device Model (CDM)
500 V
RLOAD Minimum load resistance
3.2
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS TABLE
(1)
PACKAGE
TA ≤ +25°C
DERATING FACTOR
TA = +70°C
TA = +85°C
9-ball WCSP
1.19 W
9.52 mW/°C
0.76 W
0.62 W
(1)
Dissipation ratings are for a 2-side, 2-plane PCB.
Copyright © 2010, Texas Instruments Incorporated
3
Product Folder Link(s): TPA2028D1


Podobny numer części - TPA2028D1_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
More results

Podobny opis - TPA2028D1_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com