Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2028D1YZFT Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2028D1YZFT
Szczegółowy opis  3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2028D1YZFT Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TPA2028D1YZFT Datasheet HTML 5Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 6Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 7Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 8Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 9Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 10Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 11Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 12Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Input Level − dBV
−50
−40
−30
−20
−10
0
10
20
−70
−50
−30
−10
10
G007
Compression Ratio = 1:1
Compression Ratio = 2:1
Compression Ratio = 4:1
Compression Ratio = 8:1
Limiter Level = 9 dBV
RL = 8 Ω + 33 µH
VDD = 5 V
Fixed Gain = 0 dB
Max Gain = 30 dB
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G014
Gain = 6 dB
RL = 8 Ω + 33 µH
20
100
1k
20k
10k
VDD = 2.5 V
VDD = 5 V
VDD = 3.6 V
f − Frequency − Hz
20
100
1k
20k
10
0.1
0.01
0.001
G008
Gain = 6 dB
RL = 8 Ω + 33 µH
VDD = 3.6 V
1
10k
PO = 0.05 W
PO = 0.5 W
PO = 0.25 W
f − Frequency − Hz
20
100
1k
20k
10
0.1
0.01
0.001
G010
Gain = 6 dB
RL = 4 Ω + 33 µH
VDD = 3.6 V
1
10k
PO = 0.1 W
PO = 1 W
PO = 0.5 W
f − Frequency − Hz
20
100
1k
20k
10
0.1
0.01
0.001
G009
Gain = 6 dB
RL = 8 Ω + 33 µH
VDD = 5 V
1
10k
PO = 0.5 W
PO = 0.1 W
PO = 1 W
f − Frequency − Hz
20
100
1k
20k
10
0.1
0.01
0.001
G011
Gain = 6 dB
RL = 4 Ω + 33 µH
VDD = 5 V
1
10k
PO = 0.2 W
PO = 1 W
PO = 2 W
TPA2028D1
www.ti.com
SLOS660 – JANUARY 2010
OUTPUT LEVEL
SUPPLY RIPPLE REJECTION RATIO
vs
vs
INPUT LEVEL
FREQUENCY
Figure 9.
Figure 10.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 11.
Figure 12.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Copyright © 2010, Texas Instruments Incorporated
9
Product Folder Link(s): TPA2028D1


Podobny numer części - TPA2028D1YZFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2028D1YZFT TI-TPA2028D1YZFT Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1YZFT TI1-TPA2028D1YZFT Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TPA2028D1YZFT TI1-TPA2028D1YZFT Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
More results

Podobny opis - TPA2028D1YZFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com