Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS4126_101 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADS4126_101
Szczegółowy opis  14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS4126_101 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS4126_101 Datasheet HTML 4Page - Texas Instruments ADS4126_101 Datasheet HTML 5Page - Texas Instruments ADS4126_101 Datasheet HTML 6Page - Texas Instruments ADS4126_101 Datasheet HTML 7Page - Texas Instruments ADS4126_101 Datasheet HTML 8Page - Texas Instruments ADS4126_101 Datasheet HTML 9Page - Texas Instruments ADS4126_101 Datasheet HTML 10Page - Texas Instruments ADS4126_101 Datasheet HTML 11Page - Texas Instruments ADS4126_101 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
ADS4126, ADS4129
ADS4146, ADS4149
SBAS483D – NOVEMBER 2009 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: ADS4126/ADS4129
Typical values are at +25°C, AVDD = 1.8V, DRVDD = 1.8V, 50% clock duty cycle, –1dBFS differential analog input, 1dB gain,
and DDR LVDS interface, unless otherwise noted. Minimum and maximum values are across the full temperature range:
TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, and DRVDD = 1.8V. Note that after reset, the device is in 0dB gain mode.
ADS4126 (160MSPS)(1)
ADS4129 (250MSPS)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Resolution
12
12
Bits
fIN = 10MHz
70.2
69.8
dBFS
fIN = 70MHz
70
69.7
dBFS
SNR (signal-to-noise ratio), LVDS
fIN = 100MHz
69.7
69.6
dBFS
fIN = 170MHz
69
69
dBFS
fIN = 300MHz
68
68
dBFS
fIN = 10MHz
70.1
69.7
dBFS
fIN = 70MHz
70
69.4
dBFS
SINAD (signal-to-noise and distortion ratio),
fIN = 100MHz
69.5
69.3
dBFS
LVDS
fIN = 170MHz
68.7
68.8
dBFS
fIN = 300MHz
67.3
66.8
dBFS
fIN = 10MHz
88
87
dBc
fIN = 70MHz
87
82
dBc
Spurious-free dynamic range
SFDR
fIN = 100MHz
86.3
81
dBc
fIN = 170MHz
82.5
84
dBc
fIN = 300MHz
77.5
75
dBc
fIN = 10MHz
87
85
dBc
fIN = 70MHz
85
80
dBc
Total harmonic distortion
THD
fIN = 100MHz
84
79
dBc
fIN = 170MHz
81
80.5
dBc
fIN = 300MHz
74.5
71.5
dBc
fIN = 10MHz
92
90
dBc
fIN = 70MHz
90
85
dBc
Second-harmonic distortion
HD2
fIN = 100MHz
88
84
dBc
fIN = 170MHz
88
84
dBc
fIN = 300MHz
78
74
dBc
fIN = 10MHz
88
87
dBc
fIN = 70MHz
87
82
dBc
Third-harmonic distortion
HD3
fIN = 100MHz
86
81
dBc
fIN = 170MHz
82.5
84
dBc
fIN = 300MHz
77
75
dBc
fIN = 10MHz
92
90
dBc
fIN = 70MHz
91
88
dBc
Worst spur
fIN = 100MHz
90
90
dBc
(other than second and third harmonics)
fIN = 170MHz
90
88
dBc
fIN = 300MHz
88
88
dBc
f1 = 46MHz, f2 = 50MHz,
–88
–88
dBFS
each tone at –7dBFS
Two-tone intermodulation
IMD
distortion
f1 = 185MHz, f2 = 190MHz,
–86
–86
dBFS
each tone at –7dBFS
Recovery to within 1% (of final
Clock
Input overload recovery
value) for 6dB overload with
1
1
cycles
sine-wave input
For 100mVPP signal on AVDD
AC power-supply rejection ratio
PSRR
> 30
> 30
dB
supply, up to 10MHz
Effective number of bits
ENOB
fIN = 170MHz
11.2
11.2
LSBs
Differential nonlinearity
DNL
fIN = 170MHz
±0.2
±0.2
LSBs
Integrated nonlinearity
INL
fIN = 170MHz
±0.25
±0.25
LSBs
(1)
The ADS4126 and ADS4129 are product preview devices.
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS4126 ADS4129 ADS4146 ADS4149


Podobny numer części - ADS4126_101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results

Podobny opis - ADS4126_101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com