Zakładka z wyszukiwarką danych komponentów |
|
SN74AUP1G79 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
|
SN74AUP1G79 Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 24 page NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr/tf = 3 ns. D. The outputs are measured one at a time, with one transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. tPZL and tPZH are the same as ten. G. All parameters and waveforms are not applicable to all devices. 5, 10, 15, 30 pF VCC/2 VCC 0.15 V VCC = 1.2 V ± 0.1 V VCC = 0.8 V VCC = 1.5 V ± 0.1 V VCC = 1.8 V ± 0.15 V VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V 5, 10, 15, 30 pF VCC/2 VCC 0.1 V 5, 10, 15, 30 pF VCC/2 VCC 0.1 V 5, 10, 15, 30 pF VCC/2 VCC 0.1 V CL VM VI V∆ 5, 10, 15, 30 pF VCC/2 VCC 0.15 V 5, 10, 15, 30 pF VCC/2 VCC 0.3 V Output Waveform 1 S1 at 2 × VCC (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ VCC 0 V VOL + V∆ VOH − V∆ ≈0 V VCC VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES LOW- AND HIGH-LEVEL ENABLING Output Control VCC/2 VCC/2 VCC/2 VCC/2 tPLZ/tPZL tPHZ/tPZH 2 × VCC GND TEST S1 From Output Under Test CL (see Note A) LOAD CIRCUIT S1 GND 5 k Ω 5 k Ω 2 × VCC SN74AUP1G79 SCES592G – JULY 2004 – REVISED MAY 2010 www.ti.com PARAMETER MEASUREMENT INFORMATION (Enable and Disable Times) Figure 4. Load Circuit and Voltage Waveforms 10 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): SN74AUP1G79 |
Podobny numer części - SN74AUP1G79 |
|
Podobny opis - SN74AUP1G79 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |