Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCVF2505DG4 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCVF2505DG4
Szczegółowy opis  3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2505DG4 Arkusz danych(HTML) 1 Page - Texas Instruments

  CDCVF2505DG4 Datasheet HTML 1Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 2Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 3Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 4Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 5Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 6Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 7Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 8Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CDCVF2505
3.3V CLOCK PHASELOCK LOOP CLOCK DRIVER
SCAS640E − JULY 2000 − REVISED MARCH 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Phase-Lock Loop Clock Driver for
Synchronous DRAM and General-Purpose
Applications
D Spread Spectrum Clock Compatible
D Operating Frequency: 24 MHz to 200 MHz
D Low Jitter (Cycle-cycle): <|150 ps| Over the
Range 66 MHz−200 MHz
D Distributes One Clock Input to One Bank of
Five Outputs (CLKOUT Is Used to Tune the
Input-Output Delay)
D Three-States Outputs When There Is no
Input Clock
D Operates From Single 3.3-V Supply
D Available in 8-Pin TSSOP and 8-Pin SOIC
Packages
D Consumes Less Than 100 µA (Typically) in
Power Down Mode
D Internal Feedback Loop Is Used to
Synchronize the Outputs to the Input Clock
D 25-Ω On-Chip Series Damping Resistors
D Integrated RC PLL Loop Filter Eliminates
the Need for External Components
description
The CDCVF2505 is a high-performance, low-skew, low-jitter, phase-lock loop (PLL) clock driver. It uses a PLL
to precisely align, in both frequency and phase, the output clocks (1Y[0−3] and CLKOUT) to the input clock
signal (CLKIN). The CDCVF2505 operates at 3.3 V. It also provides integrated series-damping resistors that
make it ideal for driving point-to-point loads.
One bank of five outputs provides low-skew, low-jitter copies of CLKIN. Output duty cycles are adjusted to 50
percent, independent of duty cycle at CLKIN. The device automatically goes in power-down mode when no input
signal is applied to CLKIN.
Unlike many products containing PLLs, the CDCVF2505 does not require an external RC network. The loop
filter for the PLLs is included on-chip, minimizing component count, space, and cost.
Because it is based on the PLL circuitry, the CDCVF2505 requires a stabilization time to achieve phase lock
of the feedback signal to the reference signal. This stabilization is required following power up and application
of a fixed-frequency, fixed-phase signal at CLKIN, and following any changes to the PLL reference.
The CDCVF2505 is characterized for operation from −40
°C to 85°C.
Copyright
 2000 − 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
CLKIN
1Y1
1Y0
GND
CLKOUT
1Y3
VDD 3.3 V
1Y2
D OR PW PACKAGE
(TOP VIEW)


Podobny numer części - CDCVF2505DG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCVF2505DG4 TI1-CDCVF2505DG4 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505DG4 TI1-CDCVF2505DG4 Datasheet
1Mb / 23P
[Old version datasheet]   3.3-V Clock Phase-Lock Loop Clock Driver
More results

Podobny opis - CDCVF2505DG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_17 Datasheet
1Mb / 23P
[Old version datasheet]   3.3-V Clock Phase-Lock Loop Clock Driver
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com