Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3V330DRG4 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TS3V330DRG4
Szczegółowy opis  QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3V330DRG4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TS3V330DRG4 Datasheet HTML 2Page - Texas Instruments TS3V330DRG4 Datasheet HTML 3Page - Texas Instruments TS3V330DRG4 Datasheet HTML 4Page - Texas Instruments TS3V330DRG4 Datasheet HTML 5Page - Texas Instruments TS3V330DRG4 Datasheet HTML 6Page - Texas Instruments TS3V330DRG4 Datasheet HTML 7Page - Texas Instruments TS3V330DRG4 Datasheet HTML 8Page - Texas Instruments TS3V330DRG4 Datasheet HTML 9Page - Texas Instruments TS3V330DRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Dynamic Characteristics
TS3V330
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH
WITH LOW ON-STATE RESISTANCE
SCDS162C – MAY 2004 – REVISED JULY 2005
over recommended operating free-air temperature range, V
CC = 3.3 V ± 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN TYP(2)
MAX
UNIT
VIK
EN, IN
VCC = 3 V,
IIN = –18 mA
–1.8
V
Vhys
EN, IN
150
mV
IIH
EN, IN
VCC = 3.6 V,
VIN and VEN = VCC
±1
µA
IIL
EN, IN
VCC = 3.6 V,
VIN and VEN = GND
±1
µA
IOZ(3)
VCC = 3.6 V,
VO = 0 to 3.6 V,
VI = 0,
Switch OFF
±1
µA
IOS(4)
VCC = 3.6 V,
VO = 0.5 VCC,
VI = 0,
Switch ON
50
mA
Ioff
VCC = 0 V,
VO = 0 to 3.6 V,
VI = 0
15
µA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF
10
µA
∆I
CC
EN, IN
VCC = 3.6 V,
One input at 3.4 V,
Other inputs at VCC or GND
750
µA
VCC = 3.6 V,
VEN = GND
D and S ports open,
mA/
ICCD
0.45
MHz
VIN input switching 50% duty cycle
CIN
EN, IN
VIN of VEN = 0,
f = 1 MHz
3.5
pF
D port
10
COFF
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
pF
S port
5
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
17
pF
VI = 1 V,
IO = 13 mA,
RL = 75 Ω
5
7
ron(5)
VCC = 3 V
VI = 2 V,
IO = 26 mA,
RL = 75 Ω
7
10
(1)
VI, VO, II, and IO refer to I/O pins.
(2)
All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, IOZ includes the input leakage current.
(4)
The IOS test is applicable to only one ON channel at a time. The duration of this test is less than one second.
(5)
Measured by the voltage drop between the D and S terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (D or S) terminals.
over recommended operating free-air temperature range, V
CC = 3.3 V ± 0.3 V, RL = 75 Ω, CL = 20 pF (unless otherwise
noted) (see Figure 5)
FROM
TO
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
tON
S
D
2.5
6.5
ns
tOFF
S
D
1.1
3.5
ns
over recommended operating free-air temperature range, V
CC = 3.3 V ± 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
DG(2)
RL = 150 Ω,
f = 3.58 MHz,
See Figure 6
0.82
%
DP(2)
RL = 150 Ω,
f = 3.58 MHz,
See Figure 6
0.1
Deg
BW
RL = 150 Ω,
See Figure 7
300
MHz
XTALK
RL = 150 Ω,
f = 10 MHz,
RIN = 10
Ω, See Figure 8
–80
dB
OIRR
RL = 150 Ω,
f = 10 MHz,
See Figure 9
–50
dB
(1)
All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
(2)
DG and DP are expressed in absolute magnitude.
6


Podobny numer części - TS3V330DRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3V330DRG4 TI-TS3V330DRG4 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results

Podobny opis - TS3V330DRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Texas Instruments
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com