Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A23159DGSRG4 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A23159DGSRG4
Szczegółowy opis  1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A23159DGSRG4 Arkusz danych(HTML) 4 Page - Texas Instruments

  TS5A23159DGSRG4 Datasheet HTML 1Page - Texas Instruments TS5A23159DGSRG4 Datasheet HTML 2Page - Texas Instruments TS5A23159DGSRG4 Datasheet HTML 3Page - Texas Instruments TS5A23159DGSRG4 Datasheet HTML 4Page - Texas Instruments TS5A23159DGSRG4 Datasheet HTML 5Page - Texas Instruments TS5A23159DGSRG4 Datasheet HTML 6Page - Texas Instruments TS5A23159DGSRG4 Datasheet HTML 7Page - Texas Instruments TS5A23159DGSRG4 Datasheet HTML 8Page - Texas Instruments TS5A23159DGSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Electrical Characteristics for 5-V Supply
(1)
TS5A23159
SCDS201E – AUGUST 2005 – REVISED JULY 2009 ........................................................................................................................................................ www.ti.com
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
25°C
0.8
1.1
Peak ON
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
rpeak
4.5 V
resistance
ICOM = –100 mA,
See Figure 14
Full
1.5
25°C
0.7
0.9
ON-state
VNO or VNC = 2.5 V,
Switch ON,
ron
4.5 V
resistance
ICOM = –100 mA,
See Figure 14
Full
1.1
ON-state
25°C
0.05
0.1
resistance
VNO or VNC = 2.5 V,
Switch ON,
match
Δron
4.5 V
ICOM = –100 mA,
See Figure 14
Full
0.1
between
channels
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
25°C
0.15
ICOM = –100 mA,
See Figure 14
ON-state
resistance
ron(flat)
4.5 V
VNO or VNC = 1 V, 1.5 V,
25°C
0.1
0.25
Switch ON,
flatness
2.5 V,
See Figure 14
Full
0.25
ICOM = –100 mA,
VNC or VNO = 1 V,
25°C
–20
2
20
VCOM = 1 V to 4.5 V,
INO(OFF),
Switch OFF,
or
5.5 V
nA
NC, NO
INC(OFF)
See Figure 15
Full
–100
100
VNC or VNO = 4.5 V,
OFF leakage
VCOM = 1 V to 4.5 V,
current
25°C
–1
0.2
1
INC(PWROFF),
VNC or VNO = 0 to 5.5 V,
Switch OFF,
0 V
µA
INO(PWROFF)
VCOM = 5.5 V to 0,
See Figure 15
Full
–20
20
VNC or VNO = 1 V,
25°C
–20
2
20
NC, NO
VCOM = Open,
INO(ON),
Switch ON,
ON leakage
or
5.5 V
nA
INC(ON)
See Figure 16
Full
–100
100
current
VNC or VNO = 4.5 V,
VCOM = Open,
COM
25°C
–1
0.1
1
VNC or VNO = 0 to 5.5 V,
Switch OFF,
OFF leakage
ICOM(PWROFF)
0 V
µA
VCOM = 5.5 V to 0,
See Figure 15
Full
–20
20
current
VNC or VNO = Open,
25°C
–20
2
20
COM
VCOM = 1 V,
Switch ON,
ON leakage
ICOM(ON)
or
5.5 V
nA
See Figure 16
Full
–100
100
current
VNC or VNO = Open,
VCOM = 4.5 V,
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
2.4
5.5
V
Input logic low
VIL
Full
0
0.8
V
25°C
–2
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
5.5 V
nA
current
Full
–100
100
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): TS5A23159


Podobny numer części - TS5A23159DGSRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A23159DGSRG4 TI-TS5A23159DGSRG4 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Podobny opis - TS5A23159DGSRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A23159 1-廓 2-Channel SPDT Analog Switch 5-V / 3.3-V 2-Channel 2:1 Multiplexer / Demultiplexer
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com