Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS62P49 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADS62P49
Szczegółowy opis  Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS62P49 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS62P49_1 Datasheet HTML 1Page - Texas Instruments ADS62P49_1 Datasheet HTML 2Page - Texas Instruments ADS62P49_1 Datasheet HTML 3Page - Texas Instruments ADS62P49_1 Datasheet HTML 4Page - Texas Instruments ADS62P49_1 Datasheet HTML 5Page - Texas Instruments ADS62P49_1 Datasheet HTML 6Page - Texas Instruments ADS62P49_1 Datasheet HTML 7Page - Texas Instruments ADS62P49_1 Datasheet HTML 8Page - Texas Instruments ADS62P49_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
THERMAL CHARACTERISTICS
(1)
ADS62P49 / ADS62P29
ADS62P48 / ADS62P28
SLAS635A – APRIL 2009 – REVISED JUNE 2009............................................................................................................................................................. www.ti.com
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
ECO
LEAD/BALL
PACKAGE
ORDERING
TRANSPORT
PRODUCT
TEMPERATURE
LEAD
DESIGNATOR
PLAN(2)
FINISH
MARKING
NUMBER
MEDIA,QUANTITY
RANGE
ADS62P49IRGCT,
ADS62P49
AZ62P49
ADS62P49IRGCR
Tape and Reel
ADS62P48IRGCT,
ADS62P48
AZ62P48
GREEN
ADS62P48IRGCR
QFN-64
RGC
–40°C to 85°C
(RoHS and
Cu NiPdAu
ADS62P29IRGCT,
no Sb/Br)
ADS62P29
AZ62P29
ADS62P29IRGCR
Tape and Reel
ADS62P28IRGCT,
ADS62P28
AZ62P28
ADS62P28IRGCR
(1)
For the most current product and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com. or
(2)
Eco Plan – The planned eco-friendly classification: Green (RoHS and no Sb/Br): TI defines “Green” to mean Pb-Free (RoHS compatible)
and free of Bromine (Br) and Antimony (Sb) based flame retardants.
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply voltage range, AVDD
–0.3 V to 3.9
V
Supply voltage range, DRVDD
–0.3 V to 2.2
V
Voltage between AGND and DRGND
–0.3 to 0.3
V
Voltage between AVDD to DRVDD (when AVDD leads DRVDD)
0 to 3.3
V
Voltage between DRVDD to AVDD (when DRVDD leads AVDD)
–1.5 to 1.8
V
Voltage applied to external pin, VCM (in external reference mode)
–0.3 to 2.0
V
Voltage applied to analog input pins – INP_A, INM_A, INP_B, INM_B
–0.3V to minimum ( 3.6, AVDD + 0.3V )
V
Voltage applied to input pins - CLKP, CLKM(2), RESET, SCLK, SDATA,
–0.3V to AVDD + 0.3V
V
SEN, CTRL1, CTRL2, CTRL3
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
125
°C
Tstg Storage temperature range
–65 to 150
°C
ESD, human body model
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
When AVDD is turned off, it is recommended to switch off the input clock (or ensure the voltage on CLKP, CLKM is < |0.3V|. This
prevents the ESD protection diodes at the clock input pins from turning on.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA
(2)
Soldered thermal pad, no airflow
22
°C/W
Soldered thermal pad, 200 LFM
15
°C/W
RθJT
(3)
Bottom of package (thermal pad)
0.57
°C/W
(1)
With a JEDEC standard high-K board and 5x5 via array. See Exposed Pad in the Application Information.
(2)
RθJA is the thermal resistance from the junction to ambient.
(3)
RθJT is the thermal resistance from the junction to the thermal pad.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS62P49 / ADS62P29 ADS62P48 / ADS62P28


Podobny numer części - ADS62P49_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS62P49IRGCR TI-ADS62P49IRGCR Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49IRGCT TI-ADS62P49IRGCT Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results

Podobny opis - ADS62P49_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com