Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCE937PW Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCE937PW
Szczegółowy opis  Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCE937PW Arkusz danych(HTML) 4 Page - Texas Instruments

  CDCE937PW Datasheet HTML 1Page - Texas Instruments CDCE937PW Datasheet HTML 2Page - Texas Instruments CDCE937PW Datasheet HTML 3Page - Texas Instruments CDCE937PW Datasheet HTML 4Page - Texas Instruments CDCE937PW Datasheet HTML 5Page - Texas Instruments CDCE937PW Datasheet HTML 6Page - Texas Instruments CDCE937PW Datasheet HTML 7Page - Texas Instruments CDCE937PW Datasheet HTML 8Page - Texas Instruments CDCE937PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
CDCE937
CDCEL937
SLAS564F – AUGUST 2007 – REVISED MARCH 2010
www.ti.com
PACKAGE THERMAL RESISTANCE for TSSOP (PW) PACKAGE
(1)
over operating free-air temperature range (unless otherwise noted)
AIRFLOW
TSSOP20
PARAMETER
(lfm)
°C/W
0
89
150
75
TJA
Thermal Resistance Junction to Ambient
200
74
250
74
500
69
TJC
Thermal Resistance Junction to Case
31
TJB
Thermal Resistance Junction to Board
55
RqJT
Thermal Resistance Junction to Top
0.8
RqJB
Thermal Resistance Junction to Bottom
49
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VDD
Device supply voltage
1.7
1.8
1.9
V
Output Yx supply voltage for CDCE937, Vddout
2.3
3.6
VO
Output Yx supply voltage for CDCEL937, Vddout
1.7
1.9
V
VIL
Low-level input voltage LVCMOS
0.3 VDD
V
VIH
High-level input voltage LVCMOS
0.7 VDD
V
VI(thresh)
Input voltage threshold LVCMOS
0.5 VDD
V
Input voltage range S0
0
1.9
VIS
V
Input voltage range S1, S2, SDA, SCL; VI(thresh) = 0.5 VDD
0
3.6
VI(CLK)
Input voltage range CLK
0
1.9
V
Output current (Vddout = 3.3 V)
±12
IOH /IOL
Output current (Vddout = 2.5 V)
±10
mA
Output current (Vddout = 1.8 V)
±8
CL
Output load LVCMOS
10
pF
TA
Operating free-air temperature
–40
85
°C
RECOMMENDED CRYSTAL/VCXO SPECIFICATIONS
(1)
MIN
NOM
MAX
UNIT
fXtal
Crystal input frequency range (fundamental mode)
8
27
32
MHz
ESR
Effective series resistance
100
fPR
Pulling range (0 V
≤ Vctrl ≤ 1.8 V)(2)
±120
±150
ppm
Frequency control voltage, Vctrl
0
VDD
V
C0/C1
Pullability ratio
220
CL
On-chip load capacitance at Xin and Xout
0
20
pF
(1)
For more information about VCXO configuration, and crystal recommendation, see application report (SCAA085).
(2)
Pulling range depends on crystal-type, on-chip crystal load capacitance and PCB stray capacitance; pulling range of min ±120 ppm
applies for crystal listed in the application report (SCAA085).
EEPROM SPECIFICATION
MIN
TYP
MAX
UNIT
EEcyc
Programming cycles of EEPROM
1000
cycles
EEret
Data retention
10
years
4
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE937 CDCEL937


Podobny numer części - CDCE937PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCE937PW TI1-CDCE937PW Datasheet
1Mb / 39P
[Old version datasheet]   Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
CDCE937PWG4 TI1-CDCE937PWG4 Datasheet
1Mb / 39P
[Old version datasheet]   Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
CDCE937PWR TI1-CDCE937PWR Datasheet
1Mb / 39P
[Old version datasheet]   Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
CDCE937PWRG4 TI1-CDCE937PWRG4 Datasheet
1Mb / 39P
[Old version datasheet]   Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
More results

Podobny opis - CDCE937PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
[Old version datasheet]   PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com