Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCE937PW Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCE937PW
Szczegółowy opis  Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCE937PW Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button CDCE937PW Datasheet HTML 3Page - Texas Instruments CDCE937PW Datasheet HTML 4Page - Texas Instruments CDCE937PW Datasheet HTML 5Page - Texas Instruments CDCE937PW Datasheet HTML 6Page - Texas Instruments CDCE937PW Datasheet HTML 7Page - Texas Instruments CDCE937PW Datasheet HTML 8Page - Texas Instruments CDCE937PW Datasheet HTML 9Page - Texas Instruments CDCE937PW Datasheet HTML 10Page - Texas Instruments CDCE937PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
CDCE937
CDCEL937
www.ti.com
SLAS564F – AUGUST 2007 – REVISED MARCH 2010
DEVICE CHARACTERISTICS (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
CDCE937 – LVCMOS PARAMETER for Vddout = 2.5 V – Mode
Vddout = 2.3 V, IOH = –0.1 mA
2.2
VOH
LVCMOS high-level output voltage
Vddout = 2.3 V, IOH = –6 mA
1.7
V
Vddout = 2.3 V, IOH = –10 mA
1.6
Vddout = 2.3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
Vddout = 2.3 V, IOL = 6 mA
0.5
V
Vddout = 2.3 V, IOL = 10 mA
0.7
tPLH,
Propagation delay
All PLL bypass
3.4
ns
tPHL
tr/tf
Rise and fall time
Vddout = 2.5 V (20%–80%)
0.8
ns
1 PLL switching, Y2-to-Y3
60
90
tjit(cc)
Cycle-to-cycle jitter(6) (7)
ps
3 PLL switching, Y2-to-Y7
100
150
1 PLL switching, Y2-to-Y3
70
100
tjit(per)
Peak-to-peak period jitter(8)
ps
3 PLL switching, Y2-to-Y7
120
180
fOUT = 50 MHz; Y1-to-Y3
60
tsk(o)
Output skew(8), See Table 2
ps
fOUT = 50 MHz; Y2-to-Y5
160
odc
Output duty cycle(9)
f(VCO) = 100 MHz; Pdiv = 1
45%
55%
CDCEL937 — LVCMOS PARAMETER for Vddout = 1.8 V – Mode
Vddout = 1.7 V, IOH = –0.1 mA
1.6
VOH
LVCMOS high-level output voltage
Vddout = 1.7 V, IOH = –4 mA
1.4
V
Vddout = 1.7 V, IOH = –8 mA
1.1
Vddout = 1.7 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
Vddout = 1.7 V, IOL = 4 mA
0.3
V
Vddout = 1.7 V, IOL = 8 mA
0.6
tPLH,
Propagation delay
All PLL bypass
2.6
ns
tPHL
tr/tf
Rise and fall time
Vddout= 1.8 V (20%–80%)
0.7
ns
1 PLL switching, Y2-to-Y3
70
120
tjit(cc)
Cycle-to-cycle jitter(6) (7)
ps
3 PLL switching, Y2-to-Y7
100
150
1 PLL switching, Y2-to-Y3
90
140
ps
tjit(per)
Peak-to-peak period jitter(7)
3 PLL switching, Y2-to-Y7
120
190
fOUT = 50 MHz; Y1-to-Y3
60
tsk(o)
Output skew(8), See Table 2
ps
fOUT = 50 MHz; Y2-to-Y5
160
odc
Output duty cycle(9)
f(VCO) = 100 MHz; Pdiv = 1
45%
55%
SDA/SCL PARAMETER
VIK
SCL and SDA input clamp voltage
VDD = 1.7 V; II = –18 mA
–1.2
V
IIH
SCL and SDA input current
VI = VDD; VDD = 1.9 V
±10
mA
VIH
SDA/SCL input high voltage(10)
0.7 VDD
V
VIL
SDA/SCL input low voltage(10)
0.3 VDD
V
VOL
SDA low-level output voltage
IOL = 3 mA, VDD = 1.7 V
0.2 VDD
V
CI
SCL/SDA Input capacitance
VI = 0 V or VDD
3
10
pF
(6)
10000 cycles.
(7)
Jitter depends on configuration. Data is taken under the following conditions: 1-PLL : fIN = 27MHz, Y2/3 = 27 MHz, (measured at Y2),
3-PLL: fIN = 27 MHz, Y2/3 = 27 MHz (measured at Y2), Y4/5 = 16.384 MHz, Y6/7 = 74.25 MHz
(8)
The tsk(o) specification is only valid for equal loading of each bank of outputs, and outputs are generated from the same divider; data
taking on rising edge (tr).
(9)
odc depends on output rise and fall time (tr/tf).
(10) SDA and SCL pins are 3.3 V tolerant.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCE937 CDCEL937


Podobny numer części - CDCE937PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCE937PW TI1-CDCE937PW Datasheet
1Mb / 39P
[Old version datasheet]   Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
CDCE937PWG4 TI1-CDCE937PWG4 Datasheet
1Mb / 39P
[Old version datasheet]   Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
CDCE937PWR TI1-CDCE937PWR Datasheet
1Mb / 39P
[Old version datasheet]   Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
CDCE937PWRG4 TI1-CDCE937PWRG4 Datasheet
1Mb / 39P
[Old version datasheet]   Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
More results

Podobny opis - CDCE937PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
[Old version datasheet]   PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com