Zakładka z wyszukiwarką danych komponentów |
|
SN74LVU04ADRE4 Arkusz danych(PDF) 3 Page - Texas Instruments |
|
SN74LVU04ADRE4 Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 18 page SN54LVU04A, SN74LVU04A HEX INVERTERS SCES130L − MARCH 1998 − REVISED DECEMBER 2004 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 5) SN54LVU04A SN74LVU04A UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 2 5.5 2 5.5 V VCC = 2 V 1.7 1.7 VIH High-level input voltage VCC = 2.3 V to 2.7 V VCC × 0.8 VCC × 0.8 V VIH High-level input voltage VCC = 3 V to 3.6 V VCC × 0.8 VCC × 0.8 V VCC = 4.5 V to 5.5 V VCC × 0.8 VCC × 0.8 VCC = 2 V 0.3 0.3 VIL Low-level input voltage VCC = 2.3 V to 2.7 V VCC × 0.2 VCC × 0.2 V VIL Low-level input voltage VCC = 3 V to 3.6 V VCC × 0.2 VCC × 0.2 V VCC = 4.5 V to 5.5 V VCC × 0.2 VCC × 0.2 VI Input voltage 0 5.5 0 5.5 V VO Output voltage 0 VCC 0 VCC V VCC = 2 V −50 −50 µA IOH High-level output current VCC = 2.3 V to 2.7 V −2 −2 IOH High-level output current VCC = 3 V to 3.6 V −6 −6 mA VCC = 4.5 V to 5.5 V −12 −12 mA VCC = 2 V 50 50 µA IOL Low-level output current VCC = 2.3 V to 2.7 V 2 2 IOL Low-level output current VCC = 3 V to 3.6 V 6 6 mA VCC = 4.5 V to 5.5 V 12 12 mA TA Operating free-air temperature −55 125 −40 85 °C NOTE 5: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC SN54LVU04A SN74LVU04A UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN TYP MAX UNIT IOH = −50 µA 2 V to 5.5 V VCC−0.1 VCC−0.1 VOH IOH = −2 mA 2.3 V 2 2 V VOH IOH = −6 mA 3 V 2.48 2.48 V IOH = −12 mA 4.5 V 3.8 3.8 IOL = 50 µA 2 V to 5.5 V 0.1 0.1 VOL IOL = 2 mA 2.3 V 0.4 0.4 V VOL IOL = 6 mA 3 V 0.44 0.44 V IOL = 12 mA 4.5 V 0.55 0.55 II VI = 5.5 V or GND 0 V to 5.5 V ±1 ±1 µA ICC VI = VCC or GND, IO = 0 5.5 V 20 20 µA Ci VI = VCC or GND 3.3 V 4 4 pF PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Podobny numer części - SN74LVU04ADRE4 |
|
Podobny opis - SN74LVU04ADRE4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |