Zakładka z wyszukiwarką danych komponentów |
|
SN74AUP1G08DCKTG4 Arkusz danych(PDF) 6 Page - Texas Instruments |
|
SN74AUP1G08DCKTG4 Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 22 page SN74AUP1G08 SCES502J – NOVEMBER 2003 – REVISED MAY 2010 www.ti.com SWITCHING CHARACTERISTICS over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = 25°C TA = –40°C to 85°C FROM TO PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 21 1.2 V ± 0.1 V 1.5 8.5 14.7 1 17.2 1.5 V ± 0.1 V 1 6.2 10 0.5 11.3 tpd A or B Y ns 1.8 V ± 0.15 V 1 5 7.7 0.5 9 2.5 V ± 0.2 V 1 3.6 5.2 0.5 6.1 3.3 V ± 0.3 V 1 2.9 4.2 0.5 4.7 SWITCHING CHARACTERISTICS over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = 25°C TA = –40°C to 85°C FROM TO PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 24 1.2 V ± 0.1 V 3.6 9.9 16.3 3.1 19.9 1.5 V ± 0.1 V 2.3 7.2 11.1 1.8 13.2 tpd A or B Y ns 1.8 V ± 0.15 V 1.6 5.8 8.7 1.1 10.6 2.5 V ± 0.2 V 1 4.3 5.9 0.5 7.3 3.3 V ± 0.3 V 1 3.4 4.8 0.5 5.9 SWITCHING CHARACTERISTICS over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = 25°C TA = –40°C to 85°C FROM TO PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 32.8 1.2 V ± 0.1 V 4.9 13.1 20.9 4.4 25.5 1.5 V ± 0.1 V 3.4 9.5 14.2 2.9 16.9 tpd A or B Y ns 1.8 V ± 0.15 V 2.5 7.7 11 2 13.5 2.5 V ± 0.2 V 1.8 5.7 7.6 1.3 9.4 3.3 V ± 0.3 V 1.5 4.7 6.2 1 7.5 OPERATING CHARACTERISTICS TA = 25°C PARAMETER TEST CONDITIONS VCC TYP UNIT 0.8 V 4 1.2 V ± 0.1 V 4 1.5 V ± 0.1 V 4 Cpd Power dissipation capacitance f = 10 MHz pF 1.8 V ± 0.15 V 4 2.5 V ± 0.2 V 4.1 3.3 V ± 0.3 V 4.3 6 Submit Documentation Feedback Copyright © 2003–2010, Texas Instruments Incorporated Product Folder Link(s): SN74AUP1G08 |
Podobny numer części - SN74AUP1G08DCKTG4 |
|
Podobny opis - SN74AUP1G08DCKTG4 |