Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP31B-BP Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części TIP31B-BP
Szczegółowy opis  Silicon NPN Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TIP31B-BP Arkusz danych(HTML) 1 Page - Micro Commercial Components

  TIP31B-BP Datasheet HTML 1Page - Micro Commercial Components TIP31B-BP Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIP3
1/31A/31B/31C
Silicon
NPN
Power Transistors
Features
The complementary
PNP types are the TIP32 respectively
TO-220
AB
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
5
200
8/01/01
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL Rating 1
Marking :
Part Number
1 of 2
Absolute Maximum Ratings @ Ta = 25
℃ (unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
TIP31
TIP31A
TIP31B
TIP31C
Collector-base voltage (Open emitter)
40
60
80
100
V
VCEO
TIP31
TIP31A
TIP31B
TIP31C
Collector-emitter voltage (Open base)
40
60
80
100
V
VEBO
Emitter-base Voltage (Open collector)
5
V
IC
Collector Current
3
A
ICM
Collector Current Pulse
5
A
IB
Base Current
1
A
Total Device Dissipation(Ta=2
5℃)
2
W
PC
Total Device Dissipation(Tc=2
5℃)
40
W
TJ
Junction Temperature
150
TSTG
Storage Temperature Range
-65 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
VCEO(SUS)
TIP31
TIP31A
TIP31B
TIP31C
Collector-emitter sustaining voltage
( IC=30mA; IB=0)
40
60
80
100
V
VCE(sat)
Collector-emitter Saturation Voltage
( IC=3A IB=0.375A )
1.2
V
VBE
Base-emitter Voltage
( IC=3A ; VCE=4V )
1.8
V
ICES
TIP31
TIP31A
TIP31B
TIP31C
Collector cut-off current
(VCE=40V; VEB=0)
(VCE=60V; VEB=0)
(VCE=80V; VEB=0)
(VCE=100V; VEB=0)
0.2
mA
ICEO
TIP31/31A
TIP31B/C
Collector cut-off current
(VCE=30V; VEB=0)
(VCE=60V; VEB=0)
0.3
mA
IEBO
Emitter cut-off current
(VEB=5V; IC=0)
1.0
mA
Hfe
DC current gain
(IC=1A ; VCE=4V)
(IC=3A ; VCE=4V)
25
10
50
fT
Transition frequency
( IC=0.5A ; VCE=10V)
3
MHZ
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)


Podobny numer części - TIP31B-BP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
TIP31B-S BOURNS-TIP31B-S Datasheet
142Kb / 4P
   Designed for Complementary Use with the TIP32 Series
More results

Podobny opis - TIP31B-BP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com