Zakładka z wyszukiwarką danych komponentów |
|
TIP30C-BP Arkusz danych(PDF) 2 Page - Micro Commercial Components |
|
TIP30C-BP Arkusz danych(HTML) 2 Page - Micro Commercial Components |
2 / 3 page 0.03 Figure 1. DC Current Gain IC, COLLECTOR CURRENT (AMP) 0.03 0.5 5.0 70 3.0 100 7.0 300 30 0.1 0.3 0.07 1.0 TJ = 150°C 25°C -55°C VCE = 2.0 V 500 10 50 3.0 Figure 2. Turn–Off Time IC, COLLECTOR CURRENT (AMP) IB1 = IB2 IC/IB = 10 ts′ = ts - 1/8 tf TJ = 25°C ts′ 0.03 Figure 3. Turn–On Time IC, COLLECTOR CURRENT (AMP) 0.02 0.1 3.0 0.07 1.0 1.0 IC/IB = 10 TJ = 25°C tr @ VCC = 10 V 0.5 0.3 0.1 0.05 0.05 0.3 0.5 td @ VEB(off) = 2.0 V 0.03 0.7 2.0 0.07 0.7 tr @ VCC = 30 V tf @ VCC = 10 V tf @ VCC = 30 V 0.07 1.0 0.5 0.3 0.1 0.05 0.03 0.7 2.0 0.2 0.1 3.0 1.0 0.05 0.3 0.5 0.07 0.7 2.0 0.2 Figure 4. Active Region Safe Operating Area VCE, COLLECTOR-EMITTER VOLTAGE, (VOLTS) 10 0.1 10 SECOND BREAKDOWN LIMITED THERMALLY LIMITED @ TC = 25°C BONDING WIRE LIMITED 1.0 20 100 40 3.0 4.0 0.1 TIP29, 30 TIP29A, 30A TIP29B, 30B TIP29C, 30C TJ = 150°C CURVES APPLY BELOW RATED VCEO 1 ms dc 5 ms 2.0 0.2 MCC TIP29,A,B,C(NPN) TIP30,A,B,C(PNP) Revision: 3 200 8/01/01 TM Micro Commercial Components www.mccsemi.com 2 of 3 |
Podobny numer części - TIP30C-BP |
|
Podobny opis - TIP30C-BP |