Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA4800AF Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TA4800AF
Szczegółowy opis  1 A Output Current Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4800AF Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TA4800AF Datasheet HTML 1Page - Toshiba Semiconductor TA4800AF Datasheet HTML 2Page - Toshiba Semiconductor TA4800AF Datasheet HTML 3Page - Toshiba Semiconductor TA4800AF Datasheet HTML 4Page - Toshiba Semiconductor TA4800AF Datasheet HTML 5Page - Toshiba Semiconductor TA4800AF Datasheet HTML 6Page - Toshiba Semiconductor TA4800AF Datasheet HTML 7Page - Toshiba Semiconductor TA4800AF Datasheet HTML 8Page - Toshiba Semiconductor TA4800AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TA4800AF
2009-09-30
4
Electrical Characteristics
(Unless otherwise specified, VEN = VIN, VOUT = 3.3 V, CIN = 0.33 μF, COUT = 3.3 μF, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Reference voltage
VREF
VIN = 4.3 V
1.214
1.245
1.276
V
Line regulation
Reg・line
4.3 V
≤ VIN ≤ 8.3 V,
IOUT = 500 mA
8
24
mV
Load regulation
Reg・load
VIN = 4.3 V, 5 mA ≤ IOUT ≤ 1 A
5
20
mV
4.3 V
≤ VIN ≤ 8.3 V,
IOUT = 0 A
0.85
1.70
Quiescent current
IB
4.3 V
≤ VIN ≤ 8.3 V,
IOUT = 1 A
10
20
mA
VIN = 2.1 V, IOUT = 0 A
3.3
4.0
Starting quiescent current
IBstart
VIN = 3.5 V, IOUT = 1 A
17.0
28.5
mA
Output noise voltage
VNO
VIN = 5.3 V, IOUT = 50 mA,
10 Hz
≤ f ≤ 100 kHz
100
μVrms
Ripple rejection
R.R.
VIN = 5.3 V, IOUT = 50 mA,
f
= 120 Hz
63
dB
IOUT = 500 mA
0.32
0.50
Dropout voltage
VD
IOUT = 1 A
0.69
V
Average temperature
coefficient of output voltage
TCVO
VIN = 5.3 V, IOUT = 5 mA,
0°C
≤ Tj ≤ 125°C
0.3
mV/°C


Podobny numer części - TA4800AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
More results

Podobny opis - TA4800AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Toshiba Semiconductor
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
   1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
NEC
UPD120N NEC-UPD120N Datasheet
157Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
logo
Renesas Technology Corp
UPD120NXX RENESAS-UPD120NXX Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
logo
New Japan Radio
NJM2841 NJRC-NJM2841 Datasheet
161Kb / 12P
   Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
logo
Texas Instruments
TPS7A7100 TI1-TPS7A7100 Datasheet
1Mb / 29P
[Old version datasheet]   1-A, Fast-Transient, Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com