Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAR1248FP-1A Arkusz danych(PDF) 2 Page - Lineage Power Corporation

Numer części CAR1248FP-1A
Szczegółowy opis  1200 Watt 48V Front End Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINEAGEPOWER [Lineage Power Corporation]
Strona internetowa  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1248FP-1A Arkusz danych(HTML) 2 Page - Lineage Power Corporation

  CAR1248FP-1A Datasheet HTML 1Page - Lineage Power Corporation CAR1248FP-1A Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.lineagepower.com/oem
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
CAR1248FP Series
1200 Watt 48V Front End Power Supply
rev 100506
OUTLINEDRAWING
P1
D1 D2 D3 D4 D5 D6
C1 C2 C3 C4 C5 C6
B1 B2 B3 B4 B5 B6
A1 A2 A3 A4 A5 A6
P2
P3
P4
P5
PINOUTINFORMATION
A1
VSB5V
B4
PS Present
D1
V Prog
P4
Vout
A2
VSB5VReturn
B5
SerialDataLine
D2
OVPTestPoint
P5
Vout Return
A3
SignalRTN
B6
SerialDataClock
D3
RemoteOn/Off
A4
Write Protect
C1
I Share
D4
DCOK
A5
Remote Sense (+)
C2
N/C
D5
ACOK
A6
RemoteSense(-)
C3
TempWarning
D6
Interrupt
B1
Fault
C4
I2C Address (A0)
P1
Line
B2
I Monitor
C5
I2C Address (A1)
P2
Neutral
B3
Module Enable
C6
I2C Address (A2)
P3
Chassis
PARTNUMBERDEFINITIONGUIDE
Examples:
CAR1248FPZO-1A
1200W/48VFrontEnd,6of6RoHS
CAR1248FPBYO-1A
1200W/48VFrontEnd,Bezel,5of6RoHS
CAR1248FPB-1A
1200W/48VFrontEnd,Bezel
CAR 12 48 F P x xx -1A
Series
12=1200W
Output Current
B=Bezel Option
Blank=None
Options
Blank=Non-compliant
YO=5 of 6 Compliant
ZO=6 of 6 Compliant
RoHS
Rev.
48=48V
Output Voltage
F=Front End
Type
P=Positive
Polarity
ConnectorisFCI/Berg
Part#51939-070
MateswithFCI/Berg
Part#51915-050
SPECIFICATIONS
1200 Watt +48V Front End Power Supply
Input Voltage Range
85-264VAC,47-63Hz
Input Current Maximum
12.75A@100VAC,7.9A@180VAC,fullload
Inrush Current
40Amax.coldstart(perETS300132-1andbellcorespecifications)
Input Protection
DualFused(Line&Neutral)20Amp/250VACType3ABAxial
Power Factor
0.99typicalcomplieswithIEC555,EN60555-2,EN61000-3-2
Efficiency
91%typicalat230VACFullLoadOperation,85%Typical@90VACFullLoadOperation
OutputPower
1200WatHighLineOperation(230VAC),Derateto1000WatLowLineOperation(90VAC)
OutputVoltageRange
+48 VDC (±10%)
OutputCurrent
25A@+48VDCforHighLineOperation(230VAC),reducedto20.8AatLowLineOperation(90VAC)
Voltage Programming
Vout=43.2V+3.3x(Vprog-0.364)Vwhere0.364<Vprog<3.27V
StandbyBiasVoltage
5VSB@500mA,referenceto+48VDCReturn
Voltage Regulation
±2%ofVnomforanycombinationofline,loadandtemperature
OuputRipple&Noise
ETS300132-2,32dBnrc.Bandwidth:25Hz-20kHz.2mVrmspk-pkwith0.1µFceramicand10µFelectrolyticscaps
TransientResponse
5%maxdeviationRecoverytime300µs@50%loadstepanddi/dt<1A/µs
SwitchingFrequency
200kHz(input)/400kHz(output)
Hold-UpTime
20msat1KW(typical)@90VAC
RemoteOn/Off
ONif>3Voropen;OFFif<1V(max.sink1mA)Opencollectortype
CurrentLimitProtection
110-130%ofIoutNominal
Short Circuit Protection
Self protected with auto recovery
OverVoltageProtection
+60VDCmax,latched.ResetconditionbyrecyclingACInputortogglingremoteon/off
OperatingTemperature
-10°Cto+70°C.powerderatingabove55°Cat2.5%per°C
OverTemperatureProtection
Nonlatching;protectionactiveat110°Cinternaltemperature,restartat95°C(typical)
EMI
FCC-B&EN55022-Bwithspecifiedfilteroratracklevel,GR-1089-CORE
LEDIndicators
Green=ACOK&DCOK,Red=Fault
AnalogStatus&Control
VoltageProgramming(VProg),Loadsharing(IShare),RemoteON/OFF,CurrentMonitor(IMonitor),Overtem-
perature(TempWarning),Fault,PSPresent,ModuleEnable
DigitalStatus&Control
I2COption,seedetailedspecificationfordetails
Shock&Vibration
IEC68-2-27,MIL-STD-810E,TelcordiaGR-63-CORE
Dimensions
11.02x3.44x1.65”/284.5x87.4x41.9mm
Weight
2.8 lbs
Safety Approvals
IEC950perEN60950,UL60950,CSA22.2-950,CEMark(LVD),TUV
Options
I2CSignals,Bezel


Podobny numer części - CAR1248FP-1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lineage Power Corporati...
CAR1248FPBCXZ01A LINEAGEPOWER-CAR1248FPBCXZ01A Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR1248FPBXXZ01A LINEAGEPOWER-CAR1248FPBXXZ01A Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR1248FPXXXZ01A LINEAGEPOWER-CAR1248FPXXXZ01A Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR1248FP LINEAGEPOWER-CAR1248FP_14 Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
More results

Podobny opis - CAR1248FP-1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR1248TN LINEAGEPOWER-CAR1248TN Datasheet
935Kb / 2P
   1200 Watt 48V Rectifier Power Supply
CAR3000 LINEAGEPOWER-CAR3000 Datasheet
1,009Kb / 2P
   3000 Watt 24 / 48V Front End
CAR4000 LINEAGEPOWER-CAR4000 Datasheet
966Kb / 2P
   4000 Watt 24 / 48V Front End
CAR2548DC LINEAGEPOWER-CAR2548DC Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR2024FP LINEAGEPOWER-CAR2024FP Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com