Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMA199 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części KMA199
Szczegółowy opis  Programmable angle sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA199 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button KMA199 Datasheet HTML 3Page - NXP Semiconductors KMA199 Datasheet HTML 4Page - NXP Semiconductors KMA199 Datasheet HTML 5Page - NXP Semiconductors KMA199 Datasheet HTML 6Page - NXP Semiconductors KMA199 Datasheet HTML 7Page - NXP Semiconductors KMA199 Datasheet HTML 8Page - NXP Semiconductors KMA199 Datasheet HTML 9Page - NXP Semiconductors KMA199 Datasheet HTML 10Page - NXP Semiconductors KMA199 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
KMA199_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 26 April 2010
7 of 36
NXP Semiconductors
KMA199
Programmable angle sensor
Table 4 shows the resulting output voltage depending on the error case and the load
resistance.
7.4 Low supply voltage detection
If the supply voltage is below the switch-off threshold voltage, a status bit is set.
Table 5 describes the behavior of the analog output at different supply voltages.
Fig 4.
Equivalent output circuit in case of a power-loss condition
Table 4.
Power-loss behavior
Load resistance
Supply voltage lost
Ground lost
RL > 5 kΩ
VO ≤ 4 %VDD
VO ≥ 96 %VDD
008aaa234
ZO(pl)
ZO(pl)
OUT/DATA
GND
VDD
KMA199
Table 5.
Supply voltage behavior
Voltage range
Description
Analog output
0 V to
≈ 1.5 V
the output drives an active LOW, but the
switches of the power-loss detection circuits
are not fully opened and set the output to a
level between ground and half the supply
voltage
actively driven output to a
voltage level between ground
and half the supply voltage
≈ 1.5 V to V
POR
all modules begin to work and the power-on
reset is active
diagnostics at LOW level
VPOR to Vth(on) or
Vth(off)
all modules begin to work and the digital part is
initialized
EEPROM defined diagnostic
level
Vth(on) or Vth(off) to
4.5 V
analog output is switched on after power-on
time and represents the measured angle
analog output of the
measured angle without the
specified accuracy
4.5 V to 5.5 V
normal operation where the sensor works with
the specified accuracy
analog output of the
measured angle


Podobny numer części - KMA199

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
   Programmable angle sensor
Rev. 01-18 October 2007
More results

Podobny opis - KMA199

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
   Programmable angle sensor
Rev. 01-18 October 2007
KMA200 PHILIPS-KMA200 Datasheet
135Kb / 31P
   Programmable angle sensor
Rev. 05-16 August 2005
KMA221 NXP-KMA221 Datasheet
566Kb / 36P
   Programmable angle sensor
Rev. 1-16 July 2013
KMA200 NXP-KMA200 Datasheet
163Kb / 32P
   Programmable angle sensor
Rev. 07-18 July 2008
KMA210-115 NXP-KMA210-115 Datasheet
591Kb / 37P
   Programmable angle sensor
Rev. 2-7 December 2011
KMA200 PHILIPS-KMA200_11 Datasheet
278Kb / 33P
   Programmable angle sensor
Rev. 8-7 December 2011
logo
Micronas
HAL3625 MICRONAS-HAL3625 Datasheet
215Kb / 2P
   Programmable Direct Angle Sensor
logo
NXP Semiconductors
KMA310 NXP-KMA310 Datasheet
888Kb / 71P
   Programmable angle sensor IC
Rev. 3-27 February 2019
KMZ80 NXP-KMZ80 Datasheet
937Kb / 71P
   Programmable angle sensor IC
Rev. 2.1-4 July 2018
KMA321 NXP-KMA321_V01 Datasheet
1Mb / 71P
   Programmable angle sensor IC
Rev. 6 ??18 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com