Zakładka z wyszukiwarką danych komponentów |
|
5431.4051101 Arkusz danych(PDF) 4 Page - Schurter Inc. |
|
5431.4051101 Arkusz danych(HTML) 4 Page - Schurter Inc. |
4 / 4 page 4 Power Entry Modules with Line Filter Felcom 54 www.schurter.com/pg06 EMC Products Accessories Description Cord retaining kits Cord retaining strain relief Flat head, A 4700.0001 Mating Inlets/Plugs Category / Description Interconnection Cord Overview complete Interconnection Cord with IEC Plug E, Angled 0607 Interconnection Cord with IEC Plug E, Angled 0608 Interconnection Cord with IEC Plug E, Straight 0609 Interconnection Cord with IEC Plug G, Angled 607B Interconnection Cord with IEC Plug G, Angled 608B Interconnection Cord further types to Felcom 54 ... Plug Overview complete IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm 4732 IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm 4733 IEC Plug E, Cord Connector (Rewireable), Straight, max. Cable Diameter 10 mm 4735 IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm 4736 IEC Plug E, Cord Connector (Rewireable), Straight 9009 Plug further types to Felcom 54 ... Mating Outlets/Connectors Appliance Outlet Overview complete IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal 4787 IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal 4788 IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal 5091 IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal 5092 Appliance Outlet further types to Felcom 54 Connector Overview complete IEC Connector C15, Rewireable, Straight 0101 IEC Connector C15A, Rewireable, Straight 0102 IEC Connector C15A, Rewireable, Straight 0102-G IEC Connector C15A, Rewireable, Angled 0112 IEC Connector C13, Rewireable, Angled 4012 Connector further types to Felcom 54 ... Power Cord Overview complete Power Cord with IEC Connector C13, Angled 0311 Power Cord with IEC Connector C13, Angled 3011 Power Cord with IEC Connector C13, Angled 3012 Power Cord with IEC Connector C13, Angled 3013 Power Cord with IEC Connector C13 3020 Power Cord further types to Felcom 54 ... Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon currentinformation.Allcontentissubjecttomodificationsandamendments. |
Podobny numer części - 5431.4051101 |
|
Podobny opis - 5431.4051101 |