Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC12093D Arkusz danych(PDF) 3 Page - Motorola, Inc

Numer części MC12093D
Szczegółowy opis  /2,/4,/8 1.1GHz Low Power Prescaler with Stand-By Mode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12093D Arkusz danych(HTML) 3 Page - Motorola, Inc

  MC12093D Datasheet HTML 1Page - Motorola, Inc MC12093D Datasheet HTML 2Page - Motorola, Inc MC12093D Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
MC12093
3
MOTOROLA RF/IF DEVICE DATA
D SUFFIX
PLASTIC PACKAGE
CASE 751–06
(SO–8)
ISSUE T
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10
OUTLINE DIMENSIONS
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Motorola Japan Ltd.; SPD, Strategic Planning Office, 141,
P.O. Box 5405, Denver, Colorado 80217. 1–303–675–2140 or 1–800–441–2447
4–32–1 Nishi–Gotanda, Shinagawa–ku, Tokyo, Japan. 81–3–5487–8488
Customer Focus Center: 1–800–521–6274
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 1–602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
Motorola Fax Back System
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
– http://sps.motorola.com/mfax/
HOME PAGE: http://motorola.com/sps/
MC12093/D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC12093D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC12093D ONSEMI-MC12093D Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
MC12093DG ONSEMI-MC12093DG Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
MC12093DG ONSEMI-MC12093DG Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
MC12093DR2 ONSEMI-MC12093DR2 Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
MC12093DR2G ONSEMI-MC12093DR2G Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
More results

Podobny opis - MC12093D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC12095 MOTOROLA-MC12095 Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095 ONSEMI-MC12095 Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
MC12093 ONSEMI-MC12093_06 Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
logo
Fujitsu Component Limit...
MB509 FUJITSU-MB509 Datasheet
104Kb / 9P
   TWO MODULUS PRESCALER WITH STAND-BY MODE
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095 ONSEMI-MC12095_06 Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
MC12093 ONSEMI-MC12093_16 Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
logo
NEC
UPB587B NEC-UPB587B Datasheet
113Kb / 5P
   1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
logo
California Eastern Labs
UPB1509GV CEL-UPB1509GV Datasheet
338Kb / 8P
   NEC 1.0 GHZ DIVIDE BY 2/4/8 PRESCALER
logo
Sony Corporation
CXA1541M SONY-CXA1541M Datasheet
389Kb / 9P
   1.1GHz 2 Modulus Prescaler for Cellular Equipment
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com