Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13144 Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC13144
Szczegółowy opis  VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13144 Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC13144 Datasheet HTML 1Page - Motorola, Inc MC13144 Datasheet HTML 2Page - Motorola, Inc MC13144 Datasheet HTML 3Page - Motorola, Inc MC13144 Datasheet HTML 4Page - Motorola, Inc MC13144 Datasheet HTML 5Page - Motorola, Inc MC13144 Datasheet HTML 6Page - Motorola, Inc MC13144 Datasheet HTML 7Page - Motorola, Inc MC13144 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Device
Package
MC13144
SEMICONDUCTOR
TECHNICAL DATA
VHF – 2.0 GHz LOW
NOISE AMPLIFIER WITH
PROGRAMMABLE BIAS
ORDERING INFORMATION
MC13144D
TA = – 40 to 85°C
SO–8
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
8
1
PIN CONNECTIONS AND
FUNCTIONAL BLOCK DIAGRAM
Order this document by MC13144/D
1
8
2
3
4
RFin
VEE
VEE
En1
7
En2
6
VEE
5
RFout
VCC
Operating
Temperature Range
1
MOTOROLA RF/IF DEVICE DATA
Advance Information
VHF - 2.0 GHz Low
Noise Amplifier with
Programmable Bias
The MC13144 is designed in the Motorola High Frequency Bipolar
MOSIAC V
™ wafer process to provide excellent performance in analog and
digital communication systems. It includes a cascoded LNA usable up to
2.0 GHz and at 1.8 Vdc, with 2 bit digital programming of the LNA bias.
Targeted applications are in the UHF Family Radio Services, UHF and
800 MHz Special Mobile Radio, 800 MHz Cellular and GSM, PCS, DECT
and PHS at 1.8 to 2.0 GHz and Cordless Telephones in the 902 to 928 MHz
band covered by FCC Title 47; Part 15. The MC13144 offers the following
features:
17 dB Gain at 900 MHz
1.4 dB Noise Figure at 900 MHz
1.0 dB Compression Point of –7.0 dBm; Input Third Order Intercept
Point of –5.0 dBm
Low Operating Supply Voltage (1.8 to 6.0 Vdc)
Programmable Bias with Enable 1 and Enable 2
Enable 1 and Enable 2 Programmed High for Optimal Noise Figure and
Gain Associated with NF
Can Override Enable and Externally Program In Up to 15 mA
MOSAIC V is a trademark of Motorola, Inc.
Typical Application as 900 MHz Low Noise Amplifier
This device contains 67 active transistors.
8
RF
Input
En1
RF
Output
8.2 nH
VCC
En2
5.6 nH
47 p
1.6 p
100 p
100 n
765
1
234
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
© Motorola, Inc. 1998
Rev 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Podobny numer części - MC13144

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13142D MOTOROLA-MC13142D Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13143D MOTOROLA-MC13143D Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

Podobny opis - MC13144

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SKY67023-396LF SKYWORKS-SKY67023-396LF Datasheet
2Mb / 16P
   2.0 to 3.0 GHz High Linearity, Active Bias Low-Noise Amplifier
logo
Tyco Electronics
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Tyco Electronics
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
List of Unclassifed Man...
PBA2 ETC2-PBA2 Datasheet
432Kb / 5P
   Programmable Gain and Bias Amplifier Low noise I/V amplifier
logo
Mimix Broadband
CMM1110 MIMIX-CMM1110 Datasheet
398Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD MIMIX-CMM1110-BD Datasheet
274Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM4000-BD MIMIX-CMM4000-BD Datasheet
177Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com