Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD2EUSB30DRTR Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD2EUSB30DRTR
Szczegółowy opis  2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPD2EUSB30DRTR Arkusz danych(HTML) 5 Page - Texas Instruments

  TPD2EUSB30DRTR Datasheet HTML 1Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 2Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 3Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 4Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 5Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 6Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 7Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 8Page - Texas Instruments TPD2EUSB30DRTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
1-mm
GND
D+
D-
1-mm
1-mm
GND
D+
D-
TPD2EUSB30DRTR
TX+
TX-
GND
RX+
RX-
VBUS
D-
D+
GND
8-mm
USB 3.0
Host/ Controller
TX+
TX-
GND
RX+
RX-
VBUS
D-
D+
GND
USB 3.0
Host/ Controller
8-mm
1-mm
1-mm
1-mm
TPD4EUSB30
D1+
D1-
GND
GND
D2+
D2-
One TPD4EUSB30 & One TPD2EUSB30 to Protect USB3.0 Class A connec tor (Two Layer Routing)
Three TPD2EUSB30 to Protect USB3.0 Class A connector (One Layer Routing)
N.C.
N.C.
N.C.
N.C.
TPD2EUSB30, TPD4EUSB30
www.ti.com
SLVSAC2 – AUGUST 2010
APPLICATION INFORMATION
Layout Guide with TPDxEUSB30DRTR
Refer to Figure 7, the TPD2EUSB30DRTR is offered in space saving DRT package. The DRT package is a
1mm* 1mm package with flow-through pin-mapping for the high-speed differential lines. The TPD4EUSB30DRTR
is offered in space saving DQA package. The DQA is a 1mm* 2.5mm package with flow-through pin-mapping for
the high-speed differential lines. It is recommended to place the package right next to the USB 3.0 connector.
The GND pin should connected to GND plane of the board through a large VIA. If a dedicated GND plane is not
present right underneath, it is recommended to route to the GND plane through a wide trace. The current
associated with IEC ESD stress can be in the range of 30Amps or higher momentarily. A good, low impedance
GND path ensures the system robustness against IEC ESD stress.
The TPDxEUSB30 can provide system level ESD protection to the high-speed differential ports (>6 Gbps data
rate). The flow-through package offers flexibility for board routing with traces up to 15 mills wide. It allows the
differential signal pairs couple together right after they touch the ESD ports of the TPDxEUSB30.
Figure 7. Layout Guide with the TPDxEUSB30 at the USB3.0 Class A Connector
TPDxEUSB30 Eye Pattern Test
See Figure 9 for a demonstration of the TPDxEUSB30 performance the lab set-up. Figure 8 shows a lab board
that was designed to demonstrate the degradation of the eye pattern quality with and without the TPD2EUSB30
in the USB 3.0 signal path. Figure 10 shows that there is only ~2 ps jitter penalty to the differential signal when
the TPD2EUSB30 device was added in the signal path. Similar setup was employed to measure eye pattern for
the TPD4EUSB30.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPD2EUSB30, TPD4EUSB30


Podobny numer części - TPD2EUSB30DRTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD2EUSB30DRTR TI-TPD2EUSB30DRTR Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30DRTR TI-TPD2EUSB30DRTR Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30DRTR TI1-TPD2EUSB30DRTR Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
logo
Shanghai Leiditech Elec...
TPD2EUSB30DRTR LEIDITECH-TPD2EUSB30DRTR Datasheet
1Mb / 6P
   100 Watts Peak Pulse Power per Line (tp=8/20μs)
Rev : 01.06.2021
logo
TECH PUBLIC Electronics...
TPD2EUSB30DRTR TECHPUBLIC-TPD2EUSB30DRTR Datasheet
2Mb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
More results

Podobny opis - TPD2EUSB30DRTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2E009 TI1-TPD2E009_14 Datasheet
1Mb / 18P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009 Datasheet
929Kb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
logo
TECH PUBLIC Electronics...
TPD2EUSB30DRTR-TP TECHPUBLIC-TPD2EUSB30DRTR-TP Datasheet
2Mb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
logo
First Silicon Co., Ltd
FPD2EUSB30ADRTR FS-FPD2EUSB30ADRTR Datasheet
333Kb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD1E10B09DPYR FS-FPD1E10B09DPYR Datasheet
680Kb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD2EUSB30DRTR FS-FPD2EUSB30DRTR Datasheet
434Kb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com