Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA45-AEKTHZ05 Arkusz danych(PDF) 9 Page - Schurter Inc.

Numer części TA45-AEKTHZ05
Szczegółowy opis  CIRCUIT BREAKERS FOR EQUIPMENT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHURTER [Schurter Inc.]
Strona internetowa  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-AEKTHZ05 Arkusz danych(HTML) 9 Page - Schurter Inc.

Back Button TA45-AEKTHZ05 Datasheet HTML 5Page - Schurter Inc. TA45-AEKTHZ05 Datasheet HTML 6Page - Schurter Inc. TA45-AEKTHZ05 Datasheet HTML 7Page - Schurter Inc. TA45-AEKTHZ05 Datasheet HTML 8Page - Schurter Inc. TA45-AEKTHZ05 Datasheet HTML 9Page - Schurter Inc. TA45-AEKTHZ05 Datasheet HTML 10Page - Schurter Inc. TA45-AEKTHZ05 Datasheet HTML 11Page - Schurter Inc. TA45-AEKTHZ05 Datasheet HTML 12Page - Schurter Inc. TA45-AEKTHZ05 Datasheet HTML 13Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.schurter.com
78
CIRCUIT BREAKERS FOR EQUIPMENT, 2 POLE, PUSH BUTTON
GERÄTESCHUTZSCHALTER, 2POLIG, DRUCKTASTENBETÄTIGT
TA45
Cut-out and pin-out / Montageöffnung und Anschlussbelegung
Snap-in type and screw clamp terminal / Schnappbefestigung und Schraubanschluss
a
P1
3
5
10.8
Screw type M3,5x6 (Philips Form H)
Maximum torque 1 Nm
Klemmschraube M3,5x6 (Philips Form H)
zulässiger Anzugsdrehmoment 1 Nm
10.8
Position on / Stellung ein
Pin-out / Anschlussbelegung
Cut-out / Montageöffnung
b
edge must be sharp
scharfkantig
Assemble
Einbaurichtung
P2
4
b
P1
3
5
a
6
c
U-Relais
a
b
1.0
44,5...45,0
1.5
44,5...45,0
2.0
44,7...45,2
2.5
44,7...45,2
3.0
44,8...45,3
4.0
44,9...45,4
5.0
45,0...45,5
Basic type / Grundtyp


Podobny numer części - TA45-AEKTHZ05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
TA45-ABC6F100C0 SCHURTER-TA45-ABC6F100C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F110C0 SCHURTER-TA45-ABC6F110C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F120C0 SCHURTER-TA45-ABC6F120C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F130C0 SCHURTER-TA45-ABC6F130C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F140C0 SCHURTER-TA45-ABC6F140C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
More results

Podobny opis - TA45-AEKTHZ05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
   CIRCUIT BREAKERS FOR EQUIPMENT
TM12 SCHURTER-TM12 Datasheet
174Kb / 7P
   CIRCUIT BREAKERS FOR EQUIPMENT
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
NTE Electronics
R59 NTE-R59 Datasheet
494Kb / 1P
   Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
   Thermomagnetic circuit breakers
2010-08-18
logo
Cooper Bussmann, Inc.
UCB-20 COOPER-UCB-20 Datasheet
269Kb / 5P
   Automotive Circuit Breakers
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com