Zakładka z wyszukiwarką danych komponentów |
|
TA35-EBCNF25 Arkusz danych(PDF) 1 Page - Schurter Inc. |
|
TA35-EBCNF25 Arkusz danych(HTML) 1 Page - Schurter Inc. |
1 / 6 page circuit breakers circuit breakers Description – Thermalcircuitbreaker1-,2-or3-pole – Supplementaryprotectorforgeneralindustrialuse – Positivelytrip-freerelease – Bezel/knobsnap-on – Easyactuationwithgloves – Frontelementscanbedonebycustomer Standards – IEC60934 – UL1077 – CSAC22.2235 – GB17701 Applications – Highpressurecleaners – Floorcleaningequipment – Powertools – Woodandstoneworkingmachines – Equipmentforbuildingconstruction – Industrialequipment – Commercialkitchenappliances Weblinks Approvals:http://www.schurter.com/approvals RoHS:http://www.schurter.com/rohs 2-polestandardversion 3-poletypewithoutfrontbezel/knob standardfrontbezel/knob Thermal Circuit Breaker, rotary knob actuation, 1-, - or 3-pole Technical Data Rated voltage Ue 1-pole AC 240 V / 50/60 Hz DC 32 V 2-pole AC 240 V / 50/60 Hz DC 60 V 3-pole AC 415 Y/240 V / 50/60 Hz Rated current In 1- / 2-pole 0.05 – 20 A 3-pole 0.05 – 12 A Conditional short 1- / 2-pole, AC 240 V 0.05…20 A: 2000 A, SC (C1) circuit Inc 3-pole, AC 415 V 0.05…12 A: 2000 A Degree of protection Accessible range IP 40 Terminal side IP 00 Dielectric strength 50 Hz > 2500 V Impulse 1.2/50 µs > 4000 V Insulation resistance DC 500 V > 100 MOhm Endurance (typical) Mechanical 50’000 cycles AC: 1 x In, cos phi 0.6 50’000 cycles DC: 1 x In, L/R = 2…3ms 50’000 cycles Overload IEC 60934 min. 40 cycles @ 6 x In, cos phi 0.6 UL 1077 min. 50 cycles @ 1.5 x In, cos phi 0.75 (OLØ) Admissible ambient –30 °C to +60 °C air temperature Resistance to vibration IEC 60068-2-6, Test Tc 10…60 Hz: ±0.75 mm 60…500 Hz: 10 G Shock resistance IEC 60068-2-27, Test Ea 30 G / 18 ms Type of tripping Thermal positively trip free Weight 1-pole 45 g 2-pole 60 g 3-pole 75 g Max. switching capacity 1-, 2-pole 20 A for switch only types 3-pole 12 A (without bimetal) |
Podobny numer części - TA35-EBCNF25 |
|
Podobny opis - TA35-EBCNF25 |