Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVC162836A Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74ALVC162836A
Szczegółowy opis  20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC162836A Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC162836A Datasheet HTML 3Page - NXP Semiconductors 74ALVC162836A Datasheet HTML 4Page - NXP Semiconductors 74ALVC162836A Datasheet HTML 5Page - NXP Semiconductors 74ALVC162836A Datasheet HTML 6Page - NXP Semiconductors 74ALVC162836A Datasheet HTML 7Page - NXP Semiconductors 74ALVC162836A Datasheet HTML 8Page - NXP Semiconductors 74ALVC162836A Datasheet HTML 9Page - NXP Semiconductors 74ALVC162836A Datasheet HTML 10Page - NXP Semiconductors 74ALVC162836A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ALVC162836A
20-bit registered driver with inverted register enable
and 30
Ω termination resistors (3-State)
2000 Jun 20
7
AC CHARACTERISTICS FOR VCC = 2.3 V TO 2.7 V RANGE
GND = 0 V; tr = tf ≤ 2.0 ns; CL = 30 pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.3 to 2.7 V
UNIT
MIN
TYP1
MAX
Propagation delay
An to Yn
1, 7
1.0
3.5
4.4
tPHL/tPLH
Propagation delay
LE to Yn
2, 7
1.1
3.5
5.0
ns
Propagation delay
CP to Yn
4, 7
1.0
3.7
5.4
tPZH/tPZL
3-State output enable time
OE to Yn
6, 7
1.1
3.5
5.0
ns
tPHZ/tPLZ
3-State output disable time
OE to Yn
6, 7
1.0
2.8
4.5
ns
t
CP pulse width HIGH or LOW
4, 7
3.3
1.0
ns
tW
LE pulse width HIGH
2, 7
3.3
0.7
ns
tS
Set-up time An to CP
5, 7
1.0
ns
tSU
Set-up time An to LE
3, 7
1.5
ns
t
Hold time An to CP
3, 7
1.0
0.4
ns
th
Hold time An to LE
3, 7
0.5
0.1
ns
fmax
Maximum clock pulse frequency
4, 7
150
190
MHz
NOTE:
1. All typical values are at VCC = 2.5 V and Tamb = 25°C.
AC CHARACTERISTICS FOR VCC = 3.0 V TO 3.6 V RANGE AND VCC = 2.7 V
GND = 0 V; tr = tf ≤ 2.5 ns; CL = 50 pF
LIMITS
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 ± 0.3 V
VCC = 2.7 V
UNIT
MIN
TYP1, 2
MAX
MIN
TYP1
MAX
Propagation delay
An to Yn
1, 7
1.2
2.8
4.3
3.3
4.6
tPHL/tPLH
Propagation delay
LE to Yn
2, 7
1.4
2.8
4.4
3.4
4.8
ns
Propagation delay
CP to Yn
4, 7
1.1
3.2
4.9
3.8
5.2
tPZH/tPZL
3-State output enable time
OE to Yn
6, 7
1.2
2.7
4.5
3.7
5.0
ns
tPHZ/tPLZ
3-State output disable time
OE to Yn
6, 7
1.7
3.4
4.8
3.5
4.9
ns
t
CP pulse width HIGH or LOW
4, 7
3.3
0.7
3.3
1.2
ns
tW
LE pulse width HIGH
2, 7
3.3
0.6
3.3
0.6
ns
tS
Set-up time An to CP
5, 7
1.0
1.0
ns
tSU
Set-up time An to LE
3, 7
1.5
1.5
ns
t
Hold time An to CP
3, 7
1.2
1.2
1.2
0.4
ns
th
Hold time An to LE
3, 7
1.0
0.4
1.0
0.1
ns
fmax
Maximum clock pulse frequency
4, 7
150
240
150
190
MHz
NOTES:
1. All typical values are measured Tamb = 25°C.
2. Typical value is measured at VCC = 3.3 V.


Podobny numer części - 74ALVC162836A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC162836A NEXPERIA-74ALVC162836A Datasheet
204Kb / 15P
   20-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ALVC162836ADGG PHILIPS-74ALVC162836ADGG Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC162836ADGG NEXPERIA-74ALVC162836ADGG Datasheet
204Kb / 15P
   20-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 6 April 2018
More results

Podobny opis - 74ALVC162836A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162334A PHILIPS-74ALVC162334A Datasheet
115Kb / 10P
   16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74AVCM162836_2 PHILIPS-74AVCM162836_2_15 Datasheet
106Kb / 10P
   20-bit registered driver with inverted register enable and 15 W termination resistors (3-State)
2001 Apr 20
74AVCM162836 PHILIPS-74AVCM162836 Datasheet
99Kb / 10P
   20-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
2001 Apr 20
logo
Nexperia B.V. All right...
74ALVC162836A NEXPERIA-74ALVC162836A Datasheet
204Kb / 15P
   20-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
   20-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
   20-bit registered driver with inverted register enable 3-State
1999 Jul 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com