Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH32501EC Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74ALVCH32501EC
Szczegółowy opis  36-bit universal bus transceiver with direction pin; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH32501EC Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVCH32501EC Datasheet HTML 7Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 8Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 9Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 10Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 11Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 12Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 13Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 14Page - NXP Semiconductors 74ALVCH32501EC Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
2004 Oct 13
11
Philips Semiconductors
Product specification
36-bit universal bus transceiver with direction pin;
3-state
74ALVCH32501
handbook, full pagewidth
MNA566
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OEBA input
VOL
VOH
VCC
VM
VM
OEAB input
GND
tPZL
tPZH
VM
VM
VCC
VM
VX
VY
VI
2.3 V to 2.7 V
0.5
× VCC
VOL + 150 mV
VOH − 150 mV
VCC
2.7 V
1.5 V
VOL + 300 mV
VOH − 300 mV
2.7 V
3.0 V to 3.6 V
1.5 V
VOL + 300 mV
VOH − 300 mV
2.7 V
VOL and VOH are typical output voltage drop that occur with the output load.
Fig.6 3-state enable and disable times.
handbook, full pagewidth
th
tsu
th
tsu
VM
VM
MNA567
GND
VI
GND
VI
nLEAB, nLEBA,
nCPAB, nCPBA
input
nAn, nBn
input
Fig.7 Data set-up and hold times for the nAn and nBn inputs to the nLEAB, nLEBA, nCPAB and nCPBA inputs.
VCC
VM
VI
2.3 V to 2.7 V
0.5
× VCC
VCC
2.7 V
1.5 V
2.7 V
3.0 V to 3.6 V
1.5 V
2.7 V
VOL and VOH are typical output voltage drop that occur with the output load.
The shaded areas indicate when the input is permitted to change for predictable output performance.


Podobny numer części - 74ALVCH32501EC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH32501EC PHILIPS-74ALVCH32501EC Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
More results

Podobny opis - 74ALVCH32501EC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
logo
Texas Instruments
SN74ALVCH32501 TI-SN74ALVCH32501 Datasheet
160Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32501 TI1-SN74ALVCH32501_13 Datasheet
788Kb / 14P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com