Zakładka z wyszukiwarką danych komponentów |
|
CD4541BM Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
CD4541BM Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 17 page 3 Absolute Maximum Ratings Thermal Information DC Supply - Voltage Range, VDD Voltages Referenced to VSS Terminal . . . . . . . . . . -0.5V to +20V Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . ±10mA Device Dissipation Per Output Transistor For TA = Full Package Temperature Range (All Package Types) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mW Operating Conditions Temperature Range TA . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC Supply Voltage Range For TA = Full Package Temperature Range . . . . .3V (Min), 18V (Typ) Package Thermal Impedance, θJA (see Note 1) PDIP package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .80oC/W SOIC package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .86oC/W SOP package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .76oC/W TSSOP package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .113oC/W Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC Maximum Storage Temperature Range (TSTG) . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) At Distance 1/16in ± 1/32in (1.59mm ±0.79mm) from case for 10s Maximum . . . . . . . . . . . . . . . . . . . . . . . . 265oC (SOIC - Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. The package thermal impedance is calculated in accordance with JESD 51-7. Electrical Specifications PARAMETER CONDITIONS LIMITS AT INDICATED TEMPERATURES (oC) UNITS VO (V) VIN (V) VDD (V) -55 -40 85 125 25 MIN TYP MAX Quiescent Device Current, (Note 2) IDD (Max) - 0, 5 5 5 5 150 150 - 0.04 5 μA - 0, 10 10 10 10 300 300 - 0.04 10 μA - 0, 15 15 20 20 600 600 - 0.04 20 μA - 0, 20 20 100 100 3000 3000 - 0.08 100 μA Output Low (Sink) Current lOL (Min) 0.4 0, 5 5 1.9 1.85 1.26 1.08 1.55 3.1 - mA 0.5 0, 10 10 5 4.8 3.3 2.8 4 8 - mA 1.5 0, 15 15 12.6 12 8.4 7.2 10 20 - mA Output High (Source) Current, IOH (Min) 4.6 0, 5 5 -1.9 -1.85 -1.26 -1.08 -1.55 -3.1 - mA 2.5 0, 5 5 -6.2 -6 -4.1 -3 -5 -10 - mA 9.5 0, 10 10 -5 -4.8 -3.3 -2.8 -4 -8 - mA 13.5 0, 15 15 -12.6 -12 -8.4 -7.2 -10 -20 - mA Output Voltage: Low-Level, VOL (Max) - 0, 5 5 - 0.05 - 0 0.05 V - 0, 10 10 - 0.05 - 0 0.05 V - 0, 15 15 - 0.05 - 0 0.05 V Output Voltage: High-Level, VOH (Min) - 0, 5 5 - 4.95 4.95 5 - V - 0, 10 10 - 9.95 9.95 10 - V - 0, 15 15 - 14.95 14.95 15 - V Input Low Voltage, VIL (Max) 0.5, 4.5 - 5 - 1.5 - - 1.5 V 1, 9 - 10 - 3 - - 3 V 1.5, 13.5 - 15 - 4 - - 4 V CD4541B |
Podobny numer części - CD4541BM |
|
Podobny opis - CD4541BM |