Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCE906PW Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCE906PW
Szczegółowy opis  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCE906PW Arkusz danych(HTML) 4 Page - Texas Instruments

  CDCE906PW Datasheet HTML 1Page - Texas Instruments CDCE906PW Datasheet HTML 2Page - Texas Instruments CDCE906PW Datasheet HTML 3Page - Texas Instruments CDCE906PW Datasheet HTML 4Page - Texas Instruments CDCE906PW Datasheet HTML 5Page - Texas Instruments CDCE906PW Datasheet HTML 6Page - Texas Instruments CDCE906PW Datasheet HTML 7Page - Texas Instruments CDCE906PW Datasheet HTML 8Page - Texas Instruments CDCE906PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE THERMAL RESISTANCE
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
TSSOP20
NAME
NO.
11, 12, 15,
Y0 to Y5
O
LVCMOS outputs
16, 19, 20
Dependent on SMBus settings, CLK_IN0 is the crystal oscillator input and can also be used as
CLK_IN0
5
I
LVCMOS input or as positive differential signal inputs.
Dependent on SMBus settings, CLK_IN1 is serving as the crystal oscillator output or can be the
CLK_IN1
6
I/O
second LVCMOS input or the negative differential signal input.
VCC
3, 7
Power
3.3-V power supply for the device.
VCCOUT1
14
Power
Power supply for outputs Y0, Y1.
VCCOUT2
18
Power
Power supply for outputs Y2, Y3, Y4, Y5.
GND
4, 8, 13, 17
Ground
Ground
User programmable control input S0 (PLL bypass or power-down mode) or AO (address bit 0), or
S0, A0,
1
I
CLK_SEL (selects one of two LVCMOS clock inputs), dependent on the SMBus settings; LVCMOS
CLK_SEL
inputs; internal pullup 150 k
Ω.
User programmable control input S1 (output enable/disable or all output low), A1 (address bit 1),
S1, A1
2
I
dependent on the SMBus settings; LVCMOS inputs; internal pullup 150 k
SDATA
9
I/O
Serial control data input/output for SMBus controller; LVCMOS input
SCLOCK
10
I
Serial control clock input for SMBus controller; LVCMOS input
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VCC
Supply voltage range
–0.5 to 4.6
V
VI
Input voltage range(2)
–0.5 to VCC + 0.5
V
VO
Output voltage range(2)
–0.5 to VCC + 0.5
V
II
Input current (VI < 0, V I > VCC)
±20
mA
IO
Continuous output current
±50
mA
Tstg
Storage temperature range
–65 to 150
°C
TJ
Maximum junction temperature
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
for TSSOP20 (PW) Package
(1)
PARAMETER
AIRFLOW (LFM)
°C/W
0
66.3
150
59.3
θ
JA
Thermal resistance junction-to-ambient
250
56.3
500
51.9
θ
JC
Thermal resistance junction-to-case
19.7
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
4
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): CDCE906


Podobny numer części - CDCE906PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results

Podobny opis - CDCE906PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706_10 Datasheet
1Mb / 40P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906 TI-CDC906 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com