Zakładka z wyszukiwarką danych komponentów |
|
MAX232ECPW Arkusz danych(PDF) 6 Page - Texas Instruments |
|
|
MAX232ECPW Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 18 page ≤10 ns VCC RIN ROUT RL = 1.3 kΩ See Note C CL = 50 pF (see Note B) TEST CIRCUIT ≤10 ns Input Output tPHL tPLH 1.5 V VOL VOH 0 V 3 V 10% 90% 50% 500 ns WAVEFORMS 1.5 V 90% 50% 10% Pulse Generator (see Note A) MAX232E SLLS723B – APRIL 2006 – REVISED NOVEMBER 2009 www.ti.com PARAMETER MEASUREMENT INFORMATION A. The pulse generator has the following characteristics: ZO = 50 Ω, duty cycle ≤ 50%. B. CL includes probe and jig capacitance. C. All diodes are 1N3064 or equivalent. Figure 1. Receiver Test Circuit and Waveforms for tPHL and tPLH Measurements 6 Submit Documentation Feedback Copyright © 2006–2009, Texas Instruments Incorporated Product Folder Link(s): MAX232E |
Podobny numer części - MAX232ECPW |
|
Podobny opis - MAX232ECPW |