Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX232ECPWRG4 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części MAX232ECPWRG4
Szczegółowy opis  DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

MAX232ECPWRG4 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button MAX232ECPWRG4 Datasheet HTML 6Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 7Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 8Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 9Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 10Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 11Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 12Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 13Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
MAX232EIPWG4
ACTIVE
TSSOP
PW
16
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
MAX232EIPWR
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
MAX232EIPWRG4
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
17-Nov-2009
Addendum-Page 2


Podobny numer części - MAX232ECPWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MAX232ECPWRG4 TI-MAX232ECPWRG4 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232ECPWRG4 TI-MAX232ECPWRG4 Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECPWRG4 TI-MAX232ECPWRG4 Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECPWRG4 TI1-MAX232ECPWRG4 Datasheet
1Mb / 27P
[Old version datasheet]   Dual RS-232 Driver and Receiver
REVISED AUGUST 2016
More results

Podobny opis - MAX232ECPWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MAX232E TI-MAX232E_10 Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232E TI-TRS232E_10 Datasheet
526Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232 TI1-TRS232 Datasheet
630Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232E TI-MAX232E Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232E TI-MAX232E_09 Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX202 TI1-MAX202_15 Datasheet
746Kb / 20P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX232E TI1-MAX232E_16 Datasheet
1Mb / 27P
[Old version datasheet]   Dual RS-232 Driver and Receiver
REVISED AUGUST 2016
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX202 TI-MAX202 Datasheet
321Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
logo
Exar Corporation
XR32220 EXAR-XR32220 Datasheet
874Kb / 13P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com