Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA10358N Arkusz danych(PDF) 4 Page - Rohm

Numer części BA10358N
Szczegółowy opis  Dual ground sense operational amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA10358N Arkusz danych(HTML) 4 Page - Rohm

  BA10358N Datasheet HTML 1Page - Rohm BA10358N Datasheet HTML 2Page - Rohm BA10358N Datasheet HTML 3Page - Rohm BA10358N Datasheet HTML 4Page - Rohm BA10358N Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Standard ICs
BA10358 / BA10358F / BA10358FV / BA10358N
Operation notes
(1) Handling unused circuits
If there are any circuits which are not being used,
we recommend making connections as shown in
Figure 10, with the non-inverted input pin
connected to the potential within the in-phase
input voltage range (VICM).
OUTPUT SOURCE CURRENT (mA)
4
5
3
2
1
0
0.001
0.01
0.1
1.0
10
100
Fig. 7 Voltage difference during power
supply output vs. output source
current
OUTPUT SINK CURRENT: IO (mA)
0.01
0.1
1.0
10
0.001
0.01
0.1
1.0
10
100
1000
Fig. 8 Output voltage vs. output sink
current
RL
2k
VCC = 15V
4
3
2
1
0
0
020
40
60
80
1
2
3
TIME (
µs)
Fig. 9 Output response characteristics
VCC
VEE
+
Fig. 10 Handling unused circuits
To potential in
VICM


Podobny numer części - BA10358N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BA10358 ETC2-BA10358 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BA10358F ROHM-BA10358F	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10358F ROHM-BA10358F Datasheet
258Kb / 5P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA10358F ROHM-BA10358F Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10358F ROHM-BA10358F Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
More results

Podobny opis - BA10358N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ceramate Technical
CO324 CERAMATE-CO324 Datasheet
455Kb / 5P
   Quad Ground Sense Operational Amplifier
logo
Rohm
BA2904F ROHM-BA2904F Datasheet
316Kb / 6P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA10358F ROHM-BA10358F Datasheet
258Kb / 5P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA2902HFV-C ROHM-BA2902HFV-C Datasheet
106Kb / 5P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com