Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA338 Arkusz danych(PDF) 6 Page - Rohm

Numer części BA338
Szczegółowy opis  Mute detector IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA338 Arkusz danych(HTML) 6 Page - Rohm

  BA338 Datasheet HTML 1Page - Rohm BA338 Datasheet HTML 2Page - Rohm BA338 Datasheet HTML 3Page - Rohm BA338 Datasheet HTML 4Page - Rohm BA338 Datasheet HTML 5Page - Rohm BA338 Datasheet HTML 6Page - Rohm BA338 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
731
Audio ICs
BA336 / BA338 / BA338L
(5)
Capacitor CW and resistor RW (Pin 1) for setting out-
put pulse width
The relation between CW, RW and the output pulse width
TW is as follows :
TW 0.69
CW (
µF) RW (kΩ) ms
TW is almost independent of the supply voltage.
If RW is small (less than 10k
Ω), errors increase.
See Fig. 8.
(6)
Capacitor CD and resistor RD (Pin 2) for setting song
gap detection time
The relation between CD, RD and the detection time TD
(the duration from the point when the input signal goes
below the input decision level to the generation of the out-
put pulse) is as follows :
BA336 :
TD = 0.69
CD (
µF) RD (kΩ)
BA338 / BA338L :
TD = 0.69
CD (
µF) RD (kΩ)
TD = =
)0.15 CN (µF) RN (kΩ)
(The internal resistor RN is 25 to 100k
Ω.)
TD is almost independent of the supply voltage.
If RD is small (less than 10k
Ω), errors increase.
See Fig. 8.
If a CN is added in the case of the BA338 / BA338L, its
discharge time will cause TD to be slightly longer than it
is when CN = 0.
Caution is required if TD is made short or a large CN is
used. (See Fig. 9).
FOperation notes
(1)
The input decision level of the BA336 / BA338 /
BA338L is a highly sensitive -52dBm. This can cause the
output current to return to the input through the common
impedance of the ground line. Be sure to decouple the
power supply line and prevent common impedance with
the ground line. Adding a 0.1
µF capacitor between Pin 8
and GND is effective, and we strongly recommend doing
so when high current is used.
(2)
The maximum output current of the BA336 /
BA338 / BA338L can be up to 150mA (typical). However,
if left in the current limited state for a long time when using
a high voltage power supply, damage to the IC can result.
Be sure not to exceed the rated power dissipation and the
over-current protection time.
(3)
When the BA336 / BA338 / BA338L is input into a
counter IC, make sure the input is above the 2VF thresh-
old (approximately 1.3V). Otherwise, there is a possibility
that a miscount will occur due to the output pulse gener-
ated (approximately 0.5V, see Fig. 4) when the power is
turned on or off.
FDifferences between the noise filters of the BA336
and BA338 / BA338L
The basic configurations of the BA336 and BA338 /
BA338L are the same, however, the noise filters are dif-
ferent.
BA336
The noise filter only operates from the time the
power is turned on or muting is turned off to the
arrival of the input signal. The power must be
turned off or muting turned on each time an out-
put signal is generated.
BA338 / BA338L The noise filter operates continuously
while the power is on. However, as
noted previously the song gap detec-
tion time can change slightly due to
the capacitor CN connected to the
noise filter pin.


Podobny numer części - BA338

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3304 ROHM-BA3304 Datasheet
121Kb / 3P
   Monolithic IGs
BA3304F ROHM-BA3304F Datasheet
121Kb / 3P
   Monolithic IGs
BA3306 ROHM-BA3306 Datasheet
95Kb / 5P
   Dual preamplifier with ALC
BA3306 ROHM-BA3306 Datasheet
121Kb / 3P
   Monolithic IGs
BA3308 ROHM-BA3308 Datasheet
172Kb / 8P
   Dual preamplifier with ALC
More results

Podobny opis - BA338

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3703F ROHM-BA3703F Datasheet
71Kb / 4P
   Mute detector IC
BA3708F ROHM-BA3708F Datasheet
155Kb / 8P
   Mute detector IC for 3V sets
logo
List of Unclassifed Man...
BD5223 ETC-BD5223 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD46312G ROHM-BD46312G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
BD49XXFVE ROHM-BD49XXFVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD49XXG ROHM-BD49XXG Datasheet
260Kb / 6P
   Voltage Detector IC
logo
BOWIN ELECTRONIC CO.
CDT5430 BOWIN-CDT5430 Datasheet
105Kb / 4P
   VOLTAGE DETECTOR IC
logo
List of Unclassifed Man...
TDA4321XS ETC-TDA4321XS Datasheet
110Kb / 16P
   FM-IF IC with counter output, analog STS, field strength indicator, noise detector and mute setting
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com