Zakładka z wyszukiwarką danych komponentów |
|
BA51W12 Arkusz danych(PDF) 1 Page - Rohm |
|
BA51W12 Arkusz danych(HTML) 1 Page - Rohm |
1 / 9 page BA51W12SAT Regulator ICs Dual output voltage regulator with power saving BA51W12SAT The BA51W12SAT is a general-purpose, low saturation power supply with two outputs : 9V, 1A and 5V, 500mA. The IC is available in a compact TO220FP-5 package. The outputs can be turned off during the power saving state with the built-in switch. Also built in the IC is an overcurrent protection circuit, an overvoltage protection circuit, and a thermal shutdown circuit. ! ! ! ! Applications Car audio systems, VCRs, facsimiles, air conditioners, and other household and industrial equipment ! ! ! ! Features 1) Minimum I / O voltage differential is 0.5V or less. 2) Built-in protection circuits against overcurrent, over voltage, and overheat. 3) Available in a compact TO220FP-5 package (pins are bendable). 4) Zero power saving current. (Typ.) ! ! ! ! Absolute maximum ratings (Ta=25 °C) Parameter Symbol Limits Unit Power supply voltage VCC 35 V Power dissipation Pd 2000∗1 mW Operating temperature Topr −40~+85 °C Peak applied voltage VCCPeak 50∗2 V Storage temperature Tstg −55~+150 °C ∗1 Reduced by 16mW for each increase in Ta of 1°C over 25°C. ∗2 Applied time is less than 200 ms (tr≥1ms). 50V 35V 0V Max.200ms tr ≥1ms ! ! ! ! Recommended operating conditions (Ta=25 °C) Parameter Power supply voltage VCC 10 25 V 14 Symbol Min. Typ. Max. Unit |
Podobny numer części - BA51W12 |
|
Podobny opis - BA51W12 |