Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA5916FP-Y Arkusz danych(PDF) 7 Page - Rohm

Numer części BA5916FP-Y
Szczegółowy opis  4-channel BTL driver for CD players and CD-ROMs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA5916FP-Y Arkusz danych(HTML) 7 Page - Rohm

  BA5916FP-Y Datasheet HTML 1Page - Rohm BA5916FP-Y Datasheet HTML 2Page - Rohm BA5916FP-Y Datasheet HTML 3Page - Rohm BA5916FP-Y Datasheet HTML 4Page - Rohm BA5916FP-Y Datasheet HTML 5Page - Rohm BA5916FP-Y Datasheet HTML 6Page - Rohm BA5916FP-Y Datasheet HTML 7Page - Rohm BA5916FP-Y Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
734
Optical disc ICs
BA5916FP-Y
FOperation notes
(1)
The BA5916FP-Y contains a thermal shutdown cir-
cuit.
When the chip temperature reaches 175
_C (Typ.), the
output current is muted. If the chip temperature then
drops below 150
_C (Typ.), then the mute is released.
(2)
By having the standby pin (pin 8) voltage open or
lowered to 0.5V or below, the drivers turn off and the IC
enters the power saving mode.
For normal operation, have the standby pin (pin 8) volt-
age pulled up to 2.0V or greater.
(3)
If the voltage of the bias pin (pin 2) drops below 1.0V
(Typ.), outputs are muted. For normal conditions, have
the voltage above 1.4V.
(4)
If the voltage of the thermal shutdown or bias pin
drops, the mute is activated; however, in these situations,
only the drivers are muted.
Also, the output pin voltage becomes the internal bias
voltage (approx. VCC
*VF/2).
(5)
Connect a bypass capacitor (approx. 0.1
µF) be-
tween the bases of the power supply pins of this IC.
(6)
Even though the radiation fins are connected to
ground within the package, be sure to also connect them
to a ground externally as well.
FElectrical characteristic curves


Podobny numer części - BA5916FP-Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BA591 PHILIPS-BA591 Datasheet
52Kb / 8P
   Band-switching diode
1998 Aug 31
logo
Guangdong Kexin Industr...
BA591 KEXIN-BA591 Datasheet
34Kb / 1P
   Band-switching diode
logo
NXP Semiconductors
BA591 NXP-BA591 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Rohm
BA5912 ROHM-BA5912 Datasheet
127Kb / 8P
   2-channel BTL driver for CD players
BA5912AFP-Y ROHM-BA5912AFP-Y Datasheet
127Kb / 8P
   2-channel BTL driver for CD players
More results

Podobny opis - BA5916FP-Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA5970FP ROHM-BA5970FP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players and CD-ROMs
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
   4-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
   4-channel BTL driver for CD players
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
   BTL driver for CD-ROMs
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
   4-channel BTL driver for CD players
BA6790FP ROHM-BA6790FP Datasheet
134Kb / 7P
   4-channel BTL driver for CD players
BA6797FP ROHM-BA6797FP Datasheet
164Kb / 10P
   4-channel BTL driver for CD players
BA5913FP-Y ROHM-BA5913FP-Y Datasheet
142Kb / 9P
   4-channel BTL driver for CD players and CD-ROM drives
BA5937AFP ROHM-BA5937AFP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
   4-channel BTL driver for CD players
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com