Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA5932FP Arkusz danych(PDF) 8 Page - Rohm

Numer części BA5932FP
Szczegółowy opis  3-channel BTL driver for CD players
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA5932FP Arkusz danych(HTML) 8 Page - Rohm

  BA5932FP Datasheet HTML 1Page - Rohm BA5932FP Datasheet HTML 2Page - Rohm BA5932FP Datasheet HTML 3Page - Rohm BA5932FP Datasheet HTML 4Page - Rohm BA5932FP Datasheet HTML 5Page - Rohm BA5932FP Datasheet HTML 6Page - Rohm BA5932FP Datasheet HTML 7Page - Rohm BA5932FP Datasheet HTML 8Page - Rohm BA5932FP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
183
Optical disc ICs
BA5933FP-Y
FOperation notes
(1)
The BA5933FP-Y has a thermal shutdown circuit.
The output current is muted when the chip temperature
rises above 175
_C (typically). When the chip tempera-
ture falls to 150
_C (typically), the driver circuit starts up
again.
(2)
The output current can be muted by opening the
mute pin (pin 6) voltage or lowering it below 0.5V. During
normal use, pin 6 should be pulled up above 2.0V.
(3)
The bias pin (pin10) is muted when lowered below
1.4V (typically). Make sure it stays above 1.6V during
normal use.
(4)
Muting occurs during thermal shutdown, mute-on
operations or a drop in the bias pin voltage. In each case,
only the drivers are muted. During muting, the output pins
remain at the internal bias voltage, roughly (VCC / 2).
(5)
Connect the IC to a 0.1
µF bypass capacitor be-
tween power supplies, at the base of the IC.
(6)
The radiating fin is connected to the package’s in-
ternal GND, but should also be connected to an external
GND.
(7)
The capacitor between regulator output (pin 8) and
GND also serves to prevent oscillation of the IC, so select
one with good temperature characteristics.
(8)
The IC can be switched to the standby mode by
opening the standby mode switch (pin 1) voltage, or low-
ering it below 0.5V. During normal use, pin 1 should be
pulled up above 2.0V.
FElectrical characteristic curves


Podobny numer części - BA5932FP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA5932FP ROHM-BA5932FP Datasheet
134Kb / 7P
   3-channel BTL driver for CDs, CDROMs, DVDs and DVD-ROMs
More results

Podobny opis - BA5932FP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA6199FP ROHM-BA6199FP Datasheet
212Kb / 11P
   3-channel BTL driver for CD Players
BA5912AFP-Y ROHM-BA5912AFP-Y Datasheet
127Kb / 8P
   2-channel BTL driver for CD players
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
   4-channel BTL driver for CD players
BA6796FP ROHM-BA6796FP Datasheet
214Kb / 11P
   5-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
   4-channel BTL driver for CD players
logo
Hitachi Semiconductor
HA13143 HITACHI-HA13143 Datasheet
42Kb / 7P
   Four-Channel BTL Driver for CD Players
logo
Rohm
BA6195FP-Y ROHM-BA6195FP-Y Datasheet
163Kb / 12P
   1-channel BTL driver for CD players
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
   4-channel BTL driver for CD players
BA6790FP ROHM-BA6790FP Datasheet
134Kb / 7P
   4-channel BTL driver for CD players
BA6792FP ROHM-BA6792FP Datasheet
123Kb / 7P
   2-channel BTL driver for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com