Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA6387K Arkusz danych(PDF) 1 Page - Rohm

Numer części BA6387K
Szczegółowy opis  Preservo amplifier for CD players
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA6387K Arkusz danych(HTML) 1 Page - Rohm

  BA6387K Datasheet HTML 1Page - Rohm BA6387K Datasheet HTML 2Page - Rohm BA6387K Datasheet HTML 3Page - Rohm BA6387K Datasheet HTML 4Page - Rohm BA6387K Datasheet HTML 5Page - Rohm BA6387K Datasheet HTML 6Page - Rohm BA6387K Datasheet HTML 7Page - Rohm BA6387K Datasheet HTML 8Page - Rohm BA6387K Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BA6387K
Optical disc ICs
Preservo amplifier for CD players
BA6387K
The BA6387K is a preservo amplifier for CD players. By using this paired with a ROHM DSP, a servo and main signal
system can be configured with few external components and low power consumption.
!Applications
CD players
!Features
1) Internal RF and AGC circuits.
2) Internal APC circuit.
3) Internal auto asymmetry circuit.
4) Internal disc defect detector.
5) Internal focus protect function against disc defects.
!Absolute maximum ratings
(Ta = 25
°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
9V
Power dissipation
Pd
400
*
mW
Operating temperature
Topr
-25~+75
˚C
Storage temperature
Tstg
-55~+125
˚C
* Reduced by 4mW for each increase in Ta of 1˚C over 25˚C.
!Recommended operating conditions
(Ta = 25
°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
2.4~5.5
V


Podobny numer części - BA6387K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA6386 ROHM-BA6386 Datasheet
214Kb / 13P
   Preservo amplifier for CD players
BA6386K ROHM-BA6386K Datasheet
214Kb / 13P
   Preservo amplifier for CD players
More results

Podobny opis - BA6387K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA6386K ROHM-BA6386K Datasheet
214Kb / 13P
   Preservo amplifier for CD players
BA6376K ROHM-BA6376K Datasheet
284Kb / 8P
   Preservo amplifiers for CD players
logo
Sony Corporation
CXA2521Q SONY-CXA2521Q Datasheet
742Kb / 17P
   RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1821M SONY-CXA1821M Datasheet
220Kb / 13P
   RF Amplifier for CD Players
logo
LSI Computer Systems
BA5817FM LSI-BA5817FM Datasheet
197Kb / 3P
   IC for CD Players
logo
Sony Corporation
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com