Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA7184S Arkusz danych(PDF) 3 Page - Rohm

Numer części BA7184S
Szczegółowy opis  4-channel PRE / REC amplifier with auto-tracking interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA7184S Arkusz danych(HTML) 3 Page - Rohm

  BA7184S Datasheet HTML 1Page - Rohm BA7184S Datasheet HTML 2Page - Rohm BA7184S Datasheet HTML 3Page - Rohm BA7184S Datasheet HTML 4Page - Rohm BA7184S Datasheet HTML 5Page - Rohm BA7184S Datasheet HTML 6Page - Rohm BA7184S Datasheet HTML 7Page - Rohm BA7184S Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Video ICs
BA7184S
Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5.0V and f = 4.0MHz)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Measurement
circuit
27
45
mA
Fig. 1
GVP1
52
56
60
dB
Fig. 1
GVP2
52
56
60
dB
Fig. 1
GVP3
52
56
60
dB
Fig. 1
GVP4
52
56
60
dB
Fig. 1
– 1.5
+ 1.5
dB
Fig. 1
– 8
– 1.7
dB
Fig. 1
– 42
– 35
dBc
Fig. 1
– 50
– 35
dBc
Fig. 1
VOMP
0.8
1.2
VP-P
Fig. 1
CTP
– 45
– 30
dBc
Fig. 1
——
200
mVP-P
Fig. 1
VNIN
0.25
1.0
µVrms
Fig. 1
VAGC
265
315
365
mVP-P
Fig. 1
0.3
2.0
dB
Fig. 1
– 8
– 3
dB
Fig. 1
RON5, 9
510
Fig. 1
VENV1
0.7
1.0
V
Fig. 1
VENV2
2.4
2.9
3.4
V
Fig. 1
VENV3
4.0
4.5
V
Fig. 1
VTH16H
3.5
VCC
V
Fig. 1
VTH16L
0
1.2
V
Fig. 1
VTH2H
3.5
VCC
V
Fig. 1
VTH2L
0
1.2
V
Fig. 1
VTH12T
4.1
VCC
V
Fig. 1
VTH12H
3.0
3.7
V
Fig. 1
VTH12M
1.1
2.6
V
Fig. 1
VTH12L
0
0.7
V
Fig. 1
2HDP
3HDP
Iq (P)
∆GVP
∆GVf
∆VODC
∆VAGC
∆GVAF
Supply current
Voltage gain ch-1
Voltage gain ch-2
Voltage gain ch-3
Voltage gain ch-4
Voltage gain differential
Frequency characteristic
2nd harmonic distortion
3rd harmonic distortion
Maximum output level
Crosstalk
Output DC offset
Input conversion noise
AGC output level
AGC control sensitivity
AGC frequency characteristic
PB switch ON resistance
ENVE residual voltage
ENVE output level
ENVE saturation voltage
PRE ch 2 and 4 holding voltage
PRE ch 1 and 3 holding voltage
EP mode holding voltage
SP mode holding voltage
TP mode holding voltage
PB mode holdihg voltage
EE mode holding voltage
REC mode holding voltage
2 Guaranteed design values.
Note: dBc: dB below carrier (used to express relative level from carrier reference for convenience sake)
No signal
Pin 4 input = 0.3mVP-P, pin 2: L, pin 16: L,
pin 20 output measurement
Pin 6 input = 0.3mVP-P, pin 2: L, pin 16: H,
pin 20 output measurement
Pin 8 input = 0.3mVP-P, pin 2: H, pin 16: L,
pin 20 output measurement
Pin 10 input = 0.3mVP-P, pin 2: H, pin 16: H,
pin 20 output measurement
∆GVP = GVP1 – GVP2, GVP3 – GVP4
Pin 20 output level difference for f = 8.0 / 1.0MHz,
VIN = 0.3mVP-P.
VIN = 0.3mVP-P, 8.0MHz spurious
VIN = 0.3mVP-P, 12.0MHz spurious∗2
When pin 20 output 2nd harmonic distortion is – 30dBc
Pin 20 output level difference for pin 2: H / L, pin 16: H / L.
Pin 20 output DC offset for pin 2: H / L, pin 16: H / L.
Rg = 10
Ω, input conversion of pin 20 output noise∗2
VIN = 0.3mVP-P, pin 21 output measurement
Pin 21 output level differential for VIN = 0.15 to 0.6mVP-P.
f = 8.0 / 1.0MHz, VIN = 0.3mVP-P2
Pin 5 and pin 9 impedance∗2
Pin 18 output measurement when no signal
Pin 18 output measurement when pin 20
output = 400mVP-P
Pin 18 output measurement for large signal
Pin 16 DC voltage for ch 2 and 4 operation
Pin 16 DC voltage for ch 1 and 3 operation
Pin 2 DC voltage for EP mode
Pin 2 DC voltage for SP mode
Pin 12 DC voltage for TRICK PLAY mode
Pin 12 DC voltage for PB mode
Pin 12 DC voltage for REC MUTE mode
Pin 12 DC voltage for REC mode
Conditions
〈Playback system〉 (Pin 12: H)


Podobny numer części - BA7184S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA718 ROHM-BA718 Datasheet
187Kb / 3P
   Dual Operational Amplifiers
BA7180 ROHM-BA7180 Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AFS ROHM-BA7180AFS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AS ROHM-BA7180AS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7181 ROHM-BA7181 Datasheet
95Kb / 8P
   2-channel PRE / REC amplifier with auto-tracking interface
More results

Podobny opis - BA7184S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA7182AS ROHM-BA7182AS Datasheet
100Kb / 9P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7181FS ROHM-BA7181FS Datasheet
95Kb / 8P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7180AS ROHM-BA7180AS Datasheet
148Kb / 12P
   2-channel PRE / REC amplifier with auto-tracking interface
BA7274S ROHM-BA7274S Datasheet
127Kb / 6P
   4-channel video-signal PRE/REC amplifier
BH7272KV ROHM-BH7272KV Datasheet
185Kb / 14P
   Two-channel VCR PRE / REC amplifier for Digital VCRs
logo
Unisonic Technologies
TA7784P UTC-TA7784P Datasheet
206Kb / 4P
   DUAL PRE-AMPLIFIER FOR AUTO-REVERSE
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
logo
New Japan Radio
NJM2067 NJRC-NJM2067 Datasheet
156Kb / 4P
   3V AUTO-REVERSE DUAL PRE-AMPLIFIER
logo
Toshiba Semiconductor
TA1250F TOSHIBA-TA1250F Datasheet
325Kb / 9P
   4-CHANNEL RECORDING AMPLIFIER & PRE-AMPLIFIER FOR VCR
logo
Sony Corporation
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com